Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1631-500E/ML Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP1631-500E/ML
Description  High-Speed, Pulse Width Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1631-500E/ML Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP1631-500E/ML Datasheet HTML 26Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 27Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 28Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 29Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 30Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 31Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 32Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 33Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22063B-page 31
MCP1631/HV/MCP1631V/VHV
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device
MCP1631:
High-Speed PWM
MCP1631T:
High-Speed PWM
Tape and Reel
MCP1631HV:
High-Speed PWM
MCP1631HVT: High-Speed PWM
Tape and Reel
MCP1631HV:
High-Speed PWM
MCP1631HVT: High-Speed PWM
Tape and Reel
MCP1631VHV: High-Speed PWM
MCP1631VHVT: High-Speed PWM
Tape and Reel
Voltage options
330
=
3.3V
500
=
5.0V
Temperature Range
E
=
-40°C to +125°C
Package
ML
= Plastic Quad Flat, No Lead (4x4x0.9), 20-lead
SS
= Plastic Shrink Small Outline (5.30 mm), 20-lead
ST
= Plastic Thin Shrink Small Outline (4.4 mm),
20-Lead
* All package offerings are Pb Free (Lead Free)
Examples:
a) MCP1631-E/ML:
High-Speed PWM,
20LD QFN package.
b) MCP1631-E/SS:
High-Speed PWM,
20LD SSOP package.
c) MCP1631-E/ST:
High-Speed PWM,
20LD TSSOP package.
a) MCP1631HV-330E/SS:High Speed PWM,
Current Mode Control,
3.3V Internal Regulator,
20LD SSOP Package.
b) MCP1631HV-500E/SS: High Speed PWM,
Current Mode Control,
5.0V Internal Regulator,
20LD SSOP Package.
c) MCP1631HV-500E/ST:High Speed PWM,
Current Mode Control,
5.0V Internal Regulator,
20LD TSSOP Package.
a) MCP1631VHVT-500E/ST:High Speed PWM,
Voltage Mode Control,
5.0V Internal Regulator,
20LD TSSOP Package.
b) MCP1631VHV-330E/SS: High Speed PWM,
Voltage Mode Control,
3.3V Internal Regulator,
20LD SSOP Package.
c) MCP1631VHV-330E/ST:High Speed PWM,
Voltage Mode Control,
3.3V Internal Regulator,
20LD TSSOP Package.
-XXX
Voltage
Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com