Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V02-E/SN Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP6V02-E/SN
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V02-E/SN Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP6V02-E/SN Datasheet HTML 36Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 37Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 38Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 39Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 40Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 41Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 42Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 43Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 44Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
© 2008 Microchip Technology Inc.
DS22058C-page 43
MCP6V01/2/3
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6V01
Single Op Amp
MCP6V01T Single Op Amp
(Tape and Reel for 2x3 TDFN andSOIC)
MCP6V02
Dual Op Amp
MCP6V02T Dual Op Amp
(Tape and Reel for 4×4 DFN and SOIC)
MCP6V03
Single Op Amp with Chip Select
MCP6V03T Single Op Amp with Chip Select
(Tape and Reel for SOIC)
Temperature Range:
E
= -40°C to +125°C
Package:
MD
= Plastic Dual Flat, No-Lead (4×4x0.9 mm), 8-lead
(MCP6V02 only)
MNY * = Plastic Dual Flat No Lead (2x3x0.75 mm), 8-lead
(MCP6V01, MCP6V03)
SN
= Plastic SOIC (150mil Body), 8-lead
* Y = nickel palladium gold manufacturing designator. Only
available on the TDFN package.
PART NO.
–X
/XXX
Package
Temperature
Range
Device
Examples:
a)
MCP6V01T-E/SN: Extended temperature,
8LD SOIC package.
b)
MCP6V01-E/MNY:Extended temperature,
8LD 2x3 TDFN package.
a)
MCP6V02-E/MD: Extended temperature,
8LD 4x4 DFN package.
b)
MCP6V02T-E/SN: Tape and Reel,
Extended temperature,
8LD SOIC package.
a)
MCP6V03-E/SN: Extended temperature,
8LD SOIC package.
b)
MCP6V03-E/MNY:Extended temperature,
8LD 2x3 TDFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com