Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V02-E/SN Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6V02-E/SN
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V02-E/SN Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6V02-E/SN Datasheet HTML 6Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 7Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 8Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 9Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 10Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 11Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 12Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 13Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
MCP6V01/2/3
DS22058C-page 10
© 2008 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =20kΩ to VL, CL = 60 pF, and CS = GND.
2.2
Other DC Voltages and Currents
FIGURE 2-18:
Input Common Mode
Voltage Headroom (Range) vs. Ambient
Temperature.
FIGURE 2-19:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-20:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-21:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-22:
Supply Current vs. Power
Supply Voltage.
FIGURE 2-23:
Power On Reset Trip
Voltage.
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Lower (VCMR – VSS)
Upper ( VDD – VCMR)
3 Lots
10
100
1000
0.1
1
10
Output Current Magnitude (mA)
VDD – VOH
VDD = 5.5V
VOL – VSS
VDD = 1.8V
0
1
2
3
4
5
6
7
8
9
10
11
12
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD – VOH
VDD = 5.5V
VOL – VSS
VDD = 1.8V
RL = 20 kΩ
-40
-30
-20
-10
0
10
20
30
40
Power Supply Voltage (V)
-40°C
+25°C
+85°C
+125°C
+125°C
+85°C
+25°C
-40°C
0
50
100
150
200
250
300
350
400
450
Power Supply Voltage (V)
+125°C
+85°C
+25°C
-40°C
0%
5%
10%
15%
20%
25%
30%
POR Trip Voltage (V)
93 Samples
3 Lots
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com