Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V06 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP6V06
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V06 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP6V06 Datasheet HTML 21Page - Microchip Technology MCP6V06 Datasheet HTML 22Page - Microchip Technology MCP6V06 Datasheet HTML 23Page - Microchip Technology MCP6V06 Datasheet HTML 24Page - Microchip Technology MCP6V06 Datasheet HTML 25Page - Microchip Technology MCP6V06 Datasheet HTML 26Page - Microchip Technology MCP6V06 Datasheet HTML 27Page - Microchip Technology MCP6V06 Datasheet HTML 28Page - Microchip Technology MCP6V06 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
© 2008 Microchip Technology Inc.
DS22093B-page 25
MCP6V06/7/8
After selecting RISO for your circuit, double check the
resulting frequency response peaking and step
response overshoot. Modify RISO's value until the
response is reasonable. Bench evaluation and
simulations with the MCP6V06 SPICE macro model
(good for all of the MCP6V06/7/8 op amps) are helpful.
4.3.6
STABILIZING OUTPUT LOADS
This family of auto-zeroed op amps has an output
impedance (Figure 2-31 and Figure 2-32) that has a
double zero when the gain is low. This can cause a
large phase shift in feedback networks that have low
resistance near the part’s bandwidth. This large phase
shift can cause stability problems.
Figure 4-8 shows one circuit example that has low
resistance near the part’s bandwidth. RF and CF set a
pole at 0.16 kHz, so the noise gain (GN) is 1 V/V at the
circuit’s bandwidth (roughly 1.3 MHz). The load seen
by the op amp’s output at 1.3 MHz is RG||RL (99Ω).
This is low enough to be a real concern.
FIGURE 4-8:
Output Load Issue.
To solve this problem, increase the resistive load to at
least 3 k
Ω. Methods to accomplish this task include:
• Increase RG
• Remove CF (relocate the filter)
• Add a 3 k
Ω resistor at the op amp’s output that is
not in the signal path; see Figure 4-9
FIGURE 4-9:
One Solution To Output
Load Issue.
4.3.7
REDUCING UNDESIRED NOISE
AND SIGNALS
Reduce undesired noise and signals with:
• Low bandwidth signal filters:
- Minimizes random analog noise
- Reduces interfering signals
• Good PCB layout techniques:
- Minimizes crosstalk
- Minimizes parasitic capacitances and induc-
tances that interact with fast switching edges
• Good power supply design:
- Isolation from other parts
- Filtering of interference on supply line(s)
4.3.8
SUPPLY BYPASSING AND
FILTERING
With this family of operational amplifiers, the power
supply pin (VDD for single supply) should have a local
bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm
of the pin for good high-frequency performance.
These parts also need a bulk capacitor (i.e., 1 µF or
larger) within 100 mm to provide large, slow currents.
This bulk capacitor can be shared with other low noise,
analog parts.
Additional filtering of high frequency power supply
noise (e.g., switched mode power supplies) can be
achieved using resistors. The resistors need to be
small enough to prevent a large drop in VDD for the op
amp, which would cause a reduced output range and
possible load-induced power supply noise. The resis-
tors also need to be large enough to dissipate little
power when VDD is turned on and off quickly. The cir-
cuit in Figure 4-10 gives good rejection out to 1 MHz for
switched mode power supplies. Smaller resistors and
capacitors are a better choice for designs where the
power supply is reasonably quiet.
FIGURE 4-10:
Additional Supply Filtering.
MCP6V0X
CF
10.0 k
Ω
RF
100
Ω
RG
100
Ω
RN
VOUT
VIN
10.0 k
Ω
RL
0.1 µF
MCP6V0X
CF
10.0 k
Ω
RF
100
Ω
RG
100
Ω
RN
VOUT
VIN
10.0 k
Ω
RL
0.1 µF
3.01 k
Ω
RX
MCP6V0X
VS_ANA
143
Ω
143
Ω
100 µF
100 µF
0.1 µF
1/4W
1/10W
to other analog parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com