Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V06 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6V06
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V06 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6V06 Datasheet HTML 1Page - Microchip Technology MCP6V06 Datasheet HTML 2Page - Microchip Technology MCP6V06 Datasheet HTML 3Page - Microchip Technology MCP6V06 Datasheet HTML 4Page - Microchip Technology MCP6V06 Datasheet HTML 5Page - Microchip Technology MCP6V06 Datasheet HTML 6Page - Microchip Technology MCP6V06 Datasheet HTML 7Page - Microchip Technology MCP6V06 Datasheet HTML 8Page - Microchip Technology MCP6V06 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
© 2008 Microchip Technology Inc.
DS22093B-page 3
MCP6V06/7/8
1.0
ELECTRICAL CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD –VSS .......................................................................6.5V
Current at Input Pins ....................................................±2 mA
Analog Inputs (VIN+ and VIN–) †† ... VSS – 1.0V to VDD+1.0V
All other Inputs and Outputs ............ VSS – 0.3V to VDD+0.3V
Difference Input voltage ...................................... |VDD –VSS|
Output Short Circuit Current ................................ Continuous
Current at Output and Supply Pins ............................±30 mA
Storage Temperature ...................................-65°C to +150°C
Max. Junction Temperature ........................................ +150°C
ESD protection on all pins (HBM, MM)
................≥ 4 kV, 300V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† See Section 4.2.1 “Rail-to-Rail Inputs”.
1.2
Specifications
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/3,
VOUT =VDD/2, VL =VDD/2, RL = 20 kΩ to VL, and CS = GND (refer to Figure 1-5 and Figure 1-6).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-3
—
+3
µV
TA = +25°C (Note 1)
Input Offset Voltage Drift with Temperature
(linear Temp. Co.)
TC1
-50
—
+50
nV/°C
TA = -40 to +125°C
(Note 1)
Input Offset Voltage Quadratic Temp. Co.
TC2
—
±0.15
—
nV/°C2 TA = -40 to +125°C
Power Supply Rejection
PSRR
125
142
—
dB
(Note 1)
Input Bias Current and Impedance
Input Bias Current
IB
—+6
—
pA
Input Bias Current across Temperature
IB
—+140
—
pA
TA = +85°C
IB
—
+1500
+5000
pA
TA = +125°C
Input Offset Current
IOS
—-85
—
pA
Input Offset Current across Temperature
IOS
—-85
—
pA
TA = +85°C
IOS
-1000
-190
1000
pA
TA = +125°C
Common Mode Input Impedance
ZCM
—1013||6
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||6
—
Ω||pF
Common Mode
Common-Mode Input Voltage Range
VCMR
VSS − 0.20
—
VDD +0.20
V
(Note 2)
Common-Mode Rejection
CMRR
120
136
—
dB
VDD = 1.8V,
VCM = -0.2V to 2.0V
(Note 1, Note 2)
CMRR
130
147
—
dB
VDD = 5.5V,
VCM = -0.2V to 5.7V
(Note 1, Note 2)
Open-Loop Gain
DC Open-Loop Gain (large signal)
AOL
125
147
—
dB
VDD =1.8V,
VOUT = 0.2V to 1.6V (Note 1)
AOL
135
158
—
dB
VDD =5.5V,
VOUT = 0.2V to 5.3V (Note 1)
Note 1:
Set by design and characterization. Due to thermal junction and other effects in the production environment, these
parts can only be screened in production (except TC1; see Appendix B: “Offset Related Test Screens”).
2:
Figure 2-18 shows how VCMR changed across temperature for the first three production lots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com