Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP651T-E/UN Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP651T-E/UN
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP651T-E/UN Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP651T-E/UN Datasheet HTML 4Page - Microchip Technology MCP651T-E/UN Datasheet HTML 5Page - Microchip Technology MCP651T-E/UN Datasheet HTML 6Page - Microchip Technology MCP651T-E/UN Datasheet HTML 7Page - Microchip Technology MCP651T-E/UN Datasheet HTML 8Page - Microchip Technology MCP651T-E/UN Datasheet HTML 9Page - Microchip Technology MCP651T-E/UN Datasheet HTML 10Page - Microchip Technology MCP651T-E/UN Datasheet HTML 11Page - Microchip Technology MCP651T-E/UN Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
MCP651/2/5
DS22146A-page 8
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =1kΩ to VL, CL = 20 pF, and CAL/CS =VSS.
FIGURE 2-7:
High Input Common Mode
Voltage Headroom vs. Ambient Temperature.
FIGURE 2-8:
Input Offset Voltage vs.
Common Mode Voltage with VDD =2.5V.
FIGURE 2-9:
Input Offset Voltage vs.
Common Mode Voltage with VDD =5.5V.
FIGURE 2-10:
CMRR and PSRR vs.
Ambient Temperature.
FIGURE 2-11:
DC Open-Loop Gain vs.
Ambient Temperature.
FIGURE 2-12:
Input Bias and Offset
Currents vs. Ambient Temperature with
VDD = +5.5V.
1.0
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD = 2.5V
VDD = 5.5V
1 Lot
High (VDD – VCMR_H)
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
Input Common Mode Voltage (V)
VDD = 2.5V
Representative Part
-40°C
+25°C
+85°C
+125°C
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
Input Common Mode Voltage (V)
VDD = 5.5V
Representative Part
-40°C
+25°C
+85°C
+125°C
60
65
70
75
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
PSRR
CMRR, VDD = 5.5V
CMRR, VDD = 2.5V
95
100
105
110
115
120
125
130
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD = 5.5V
VDD = 2.5V
1
10
100
1,000
10,000
25
45
65
85
105
125
Ambient Temperature (°C)
VDD = 5.5V
VCM = VCMR_H
-IOS
IB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com