Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP651T-E/UN Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP651T-E/UN
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP651T-E/UN Datasheet(HTML) 1 Page - Microchip Technology

  MCP651T-E/UN Datasheet HTML 1Page - Microchip Technology MCP651T-E/UN Datasheet HTML 2Page - Microchip Technology MCP651T-E/UN Datasheet HTML 3Page - Microchip Technology MCP651T-E/UN Datasheet HTML 4Page - Microchip Technology MCP651T-E/UN Datasheet HTML 5Page - Microchip Technology MCP651T-E/UN Datasheet HTML 6Page - Microchip Technology MCP651T-E/UN Datasheet HTML 7Page - Microchip Technology MCP651T-E/UN Datasheet HTML 8Page - Microchip Technology MCP651T-E/UN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22146A-page 1
MCP651/2/5
Features
• Gain Bandwidth Product: 50 MHz (typical)
• Short Circuit Current: 100 mA (typical)
• Noise: 7.5 nV/
√Hz (typical, at 1 MHz)
• Calibrated Input Offset: ±200 µV (maximum)
• Rail-to-Rail Output
• Slew Rate: 30 V/µs (typical)
• Supply Current: 6.0 mA (typical)
• Power Supply: 2.5V to 5.5V
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• Driving A/D Converters
• Power Amplifier Control Loops
• Barcode Scanners
• Optical Detector Amplifier
Design Aids
• SPICE Macro Models
• FilterLab® Software
• Mindi™ Circuit Designer & Simulator
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Description
The Microchip Technology, Inc. MCP651/2/5 family of
operational amplifiers features low offset. At power up,
these op amps are self-calibrated using mCal. Some
package options also provide a calibration/chip select
pin (CAL/CS) that supports a low power mode of oper-
ation, with offset calibration at the time normal opera-
tion is re-started. These amplifiers are optimized for
high speed, low noise and distortion, single-supply
operation with rail-to-rail output and an input that
includes the negative rail.
This family is offered in single with CAL/CS pin
(MCP651), dual (MCP652) and dual with CAL/CS pins
(MCP655). All devices are fully specified from -40°C to
+125°C.
Typical Application Circuit
Package Types
Power Driver with High Gain
R1
R2
MCP65X
VIN
VDD/2
VOUT
R3
RL
MCP651
SOIC
MCP652
SOIC
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 VCAL
CAL/CS
NC
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB–
VINB+
MCP655
MSOP
VINA+
VINA–
VSS
1
2
3
4
10
9
8
7
VOUTA
VDD
VOUTB
VINB–
VINB+
CALA/CSA 5
6 CALB/CSB
MCP652
3×3 DFN *
MCP655
3×3 DFN *
* Includes Exposed Thermal Pad (EP); see Table 3-1.
VINA+
VINA–
VSS
VOUTB
VINB–
1
2
3
4
8
7
6
5 VINB+
VDD
VOUTA
EP
9
VSS
VINA+
CALA/CSA
VINB–
VINB+
2
3
4
5
9
8
7
6 CALB/CSB
VOUTB
VINA–
EP
11
1
10 VDD
VOUTA
50 MHz, 6 mA Op Amps with mCal


Similar Part No. - MCP651T-E/UN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP651 MICROCHIP-MCP651 Datasheet
1Mb / 56P
50 MHz, 6 mA Op Amps with mCal
2011
MCP651 MICROCHIP-MCP651 Datasheet
1Mb / 62P
Unity-Gain Stable
03/25/14
MCP651 MICROCHIP-MCP651_11 Datasheet
1Mb / 56P
50 MHz, 6 mA Op Amps with mCal
2011
MCP651 MICROCHIP-MCP651_14 Datasheet
1Mb / 62P
Unity-Gain Stable
03/25/14
More results

Similar Description - MCP651T-E/UN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP621 MICROCHIP-MCP621 Datasheet
864Kb / 44P
20 MHz, 2.5 mA Op Amps with mCal
2009
MCP661 MICROCHIP-MCP661 Datasheet
833Kb / 42P
60 MHz, 6 mA Op Amps
2009
MCP631 MICROCHIP-MCP631 Datasheet
826Kb / 42P
24 MHz, 2.5 mA Op Amps
2009
MCP651 MICROCHIP-MCP651_11 Datasheet
1Mb / 56P
50 MHz, 6 mA Op Amps with mCal
2011
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
1.2 MHz, 16V Op Amps
2010-2011
MCP6H71 MICROCHIP-MCP6H71_12 Datasheet
1Mb / 42P
2.7 MHz, 12V Op Amps
11/29/12
MCP6H81 MICROCHIP-MCP6H81_12 Datasheet
1Mb / 42P
5.5 MHz, 12V Op Amps
2012 11/29/12
logo
Analog Devices
ADA4099-1 AD-ADA4099-1 Datasheet
1Mb / 34P
50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
1/2022-Rev. 0 to Rev. A
logo
Microchip Technology
MCP6V86 MICROCHIP-MCP6V86 Datasheet
2Mb / 52P
5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
MCP621 MICROCHIP-MCP621_V01 Datasheet
2Mb / 68P
20 MHz, 200 μV Op Amps with mCal
Revision E November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com