Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4152T-502E/MF Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP4152T-502E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-502E/MF Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP4152T-502E/MF Datasheet HTML 39Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 40Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 41Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 42Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 43Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 44Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 45Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 46Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 43
MCP413X/415X/423X/425X
6.1.4
SERIAL CLOCK (SCK)
(SPI FREQUENCY OF OPERATION)
The SPI interface is specified to operate up to 10 MHz.
The actual clock rate depends on the configuration of
the system and the serial command used. Table 6-1
shows the SCK frequency for different configurations.
TABLE 6-1:
SCK FREQUENCY
6.1.5
THE CS SIGNAL
The Chip Select (CS) signal is used to select the device
and frame a command sequence. To start a command,
or sequence of commands, the CS signal must
transition from the inactive state (VIH) to an active state
(VIL or VIHH).
After the CS signal has gone active, the SDO pin is
driven and the clock bit counter is reset.
If an error condition occurs for an SPI command, then
the Command byte’s Command Error (CMDERR) bit
(on the SDO pin) will be driven low (VIL). To exit the
error condition, the user must take the CS pin to the VIH
level.
When the CS pin returns to the inactive state (VIH) the
SPI module resets (including the address pointer).
While the CS pin is in the inactive state (VIH), the serial
interface is ignored. This allows the Host Controller to
interface to other SPI devices using the same SDI,
SDO, and SCK signals.
The CS pin has an internal pull-up resistor. The resistor
is disabled when the voltage on the CS pin is at the VIL
level. This means that when the CS pin is not driven,
the internal pull-up resistor will pull this signal to the VIH
level.
When the CS pin is driven low (VIL), the
resistance becomes very large to reduce the device
current consumption.
The high voltage capability of the CS pin allows
MCP413X/415X/423X/425X devices to be used in
systems previously designed for the MCP414X/416X/
424X/426X devices.
Memory Type Access
Command
Read
Write,
Increment,
Decrement
Volatile
Memory
SDI, SDO
10 MHz
10 MHz
SDI/SDO(1) 250 kHz (2)
10 MHz
Note 1: MCP41X1 devices only.
2: This is the maximum clock frequency
without an external pull-up resistor.
Note:
There is a required delay after the CS pin
goes active to the 1st edge of the SCK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com