Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4152T-502E/MF Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP4152T-502E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-502E/MF Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP4152T-502E/MF Datasheet HTML 57Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 58Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 59Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 60Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 61Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 62Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 63Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 64Page - Microchip Technology MCP4152T-502E/MF Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 61
MCP413X/415X/423X/425X
8.4
Design Considerations
In the design of a system with the MCP4XXX devices,
the following considerations should be taken into
account:
• Power Supply Considerations
• Layout Considerations
8.4.1
POWER SUPPLY
CONSIDERATIONS
The typical application will require a bypass capacitor
in order to filter high-frequency noise, which can be
induced onto the power supply's traces. The bypass
capacitor helps to minimize the effect of these noise
sources on signal integrity. Figure 8-6 illustrates an
appropriate bypass strategy.
In this example, the recommended bypass capacitor
value is 0.1 µF. This capacitor should be placed as
close (within 4 mm) to the device power pin (VDD) as
possible.
The power source supplying these devices should be
as clean as possible. If the application circuit has
separate digital and analog power supplies, VDD and
VSS should reside on the analog plane.
FIGURE 8-6:
Typical Microcontroller
Connections.
8.4.2
LAYOUT CONSIDERATIONS
Inductively-coupled AC transients and digital switching
noise can degrade the input and output signal integrity,
potentially masking the MCP4XXX’s performance.
Careful board layout minimizes these effects and
increases the Signal-to-Noise Ratio (SNR). Multi-layer
boards utilizing a low-inductance ground plane,
isolated inputs, isolated outputs and proper decoupling
are critical to achieving the performance that the silicon
is
capable
of
providing.
Particularly
harsh
environments may require shielding of critical signals.
If low noise is desired, breadboards and wire-wrapped
boards are not recommended.
8.4.3
RESISTOR TEMPCO
Characterization curves of the resistor temperature
coefficient (Tempco) are shown in Figure 2-11,
Figure 2-24, Figure 2-36, and Figure 2-48.
These curves show that the resistor network is
designed to correct for the change in resistance as
temperature increases. This technique reduces the
end to end change is RAB resistance.
8.4.4
HIGH VOLTAGE TOLERANT PINS
High Voltage support (VIHH) on the Serial Interface pins
supports two features. These are:
• In-Circuit Accommodation of split rail applications
and power supply sync issues
• Compatability with systems that also support
MCP414X/416X /424X/426X devices
VDD
VDD
VSS
VSS
0.1 µF
0.1 µF
U/D
CS
W
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com