Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4152T-502I/ML Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP4152T-502I/ML
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-502I/ML Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP4152T-502I/ML Datasheet HTML 34Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 35Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 36Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 37Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 38Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 39Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 40Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 41Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
MCP413X/415X/423X/425X
DS22060B-page 38
© 2008 Microchip Technology Inc.
5.2
Wiper
Each tap point (between the RS resistors) is a
connection point for an analog switch. The opposite
side of the analog switch is connected to a common
signal which is connected to the Terminal W (Wiper)
pin.
A value in the volatile wiper register selects which
analog switch to close, connecting the W terminal to
the selected node of the resistor ladder.
The wiper can connect directly to Terminal B or to
Terminal A. A zero-scale connections, connects the
Terminal W (wiper) to Terminal B (wiper setting of
000h). A full-scale connections, connects the Terminal
W (wiper) to Terminal A (wiper setting of 100h or 80h).
In these configurations the only resistance between the
Terminal W and the other Terminal (A or B) is that of the
analog switches.
A wiper setting value greater than full-scale (wiper
setting of 100h for 8-bit device or 80h for 7-bit devices)
will also be a Full-Scale setting (Terminal W (wiper)
connected to Terminal A). Table 5-1 illustrates the full
wiper setting map.
Equation 5-2 illustrates the calculation used to deter-
mine the resistance between the wiper and terminal B.
EQUATION 5-2:
RWB CALCULATION
TABLE 5-1:
VOLATILE WIPER VALUE VS.
WIPER POSITION MAP
A POR/BOR event will load the Volatile Wiper register
value with the default value. Table 5-2 shows the
default values offered. Custom POR/BOR options are
available. Contact the local Microchip Sales Office.
TABLE 5-2:
DEFAULT FACTORY
SETTINGS SELECTION
Wiper Setting
Properties
7-bit Pot 8-bit Pot
3FFh
081h
3FFh
101h
Reserved (Full-Scale (W = A)),
Increment and Decrement
commands ignored
080h
100h
Full-Scale (W = A),
Increment commands ignored
07Fh
041h
0FFh
081
W = N
040h
080h
W = N (Mid-Scale)
03Fh
001h
07Fh
001
W = N
000h
000h
Zero Scale (W = B)
Decrement command ignored
R
WB
R
ABN
256
()
--------------R
W
+
=
N = 0 to 256 (decimal)
R
WB
R
ABN
128
()
--------------R
W
+
=
N = 0 to 128 (decimal)
8-bit Device
7-bit Device
Wiper Code
8-bit
7-bit
-502
5.0 kΩ
Mid-scale
80h
40h
-103
10.0 kΩ
Mid-scale
80h
40h
-503
50.0 kΩ
Mid-scale
80h
40h
-104
100.0 kΩ
Mid-scale
80h
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com