Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4152T-502I/ML Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP4152T-502I/ML
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-502I/ML Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP4152T-502I/ML Datasheet HTML 48Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 49Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 50Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 51Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 52Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 53Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 54Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 55Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
MCP413X/415X/423X/425X
DS22060B-page 52
© 2008 Microchip Technology Inc.
7.5.2
CONTINUOUS WRITES
Continuous writes are possible only when writing to the
volatile memory registers (address 00h, 01h, and 04h).
Figure 7-3 shows the sequence for three continuous
writes. The writes do not need to be to the same volatile
memory address.
FIGURE 7-3:
Continuous Write Sequence.
A
D
3
A
D
2
A
D
1
A
D
0
00
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
111111 1* 111111111
A
D
3
A
D
2
A
D
1
A
D
0
00
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
111111 1* 111111111
A
D
3
A
D
2
A
D
1
A
D
0
00
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
111111 1* 111111111
COMMAND BYTE
DATA BYTE
SDI
SDO
Note 1: If a Command Error (CMDERR) occurs at this bit location (*), then all following SDO bits will be
driven low until the CS pin is driven inactive (VIH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com