Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73223T-C2SI/MF Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP73223T-C2SI/MF
Description  Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73223T-C2SI/MF Datasheet(HTML) 2 Page - Microchip Technology

  MCP73223T-C2SI/MF Datasheet HTML 1Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 2Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 3Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 4Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 5Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 6Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 7Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 8Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MCP73123/223
DS22191A-page 2
© 2009 Microchip Technology Inc.
Typical Application
TABLE 1:
AVAILABLE FACTORY PRESET OPTIONS
TABLE 2:
STANDARD SAMPLE OPTIONS
Charge
Voltage
OVP
Pre-
conditioning
Charge Current
Pre-
conditioning
Threshold
Precondition
Timer
Elapse
Timer
End-of-
Charge
Control
Automatic
Recharge
Output
Status
3.6V
6.5V
Disable / 10%
2V
Disable /
32 Minimum
Disable / 4 HR /
6 HR / 8 HR
5% / 7.5% /
10% / 20%
No /
Yes
Type 1 /
Type 2
7.2V
13V
Disable / 10%
4V
Disable /
32 Minimum
Disable / 4 HR /
6 HR / 8 HR
5% / 7.5% /
10% / 20%
No /
Yes
Type 1 /
Type 2
Note 1:
IREG: Regulated fast charge current.
2:
VREG: Regulated charge voltage.
3:
IPREG/IREG: Preconditioning charge current; ratio of regulated fast charge current.
4:
ITERM/IREG: End-of-Charge control; ratio of regulated fast charge current.
5:
VRTH/VREG: Recharge threshold; ratio of regulated battery voltage.
6:
VPTH/VREG: Preconditioning threshold voltage
Part
Number
VREG
OVP
IPREG/IREG Pre-charge
Timer
Elapse
Timer
ITERM/IREG VRTH/VREG VPTH/VREG
Output
Status
MCP73123-22S/MF
3.6V
6.5V
10%
32 Min.
6 HR
10%
95%
2V
Type 1
MCP73223-C2S/MF
7.2V
6.5V
10%
32 Min.
6 HR
10%
95%
4V
Type 1
Note 1:
Customers should contact their distributor, representatives or field application engineer (FAE) for support and sample.
Local sales offices are also available to help customers. A listing of sales offices and locations is included in the back of
this document. Technical support is available through the web site at: http//support.microchip.com
STAT
VDD
NC
5
3
1
2
PROG
8
7
9
10
4.7 µF
+
-
1-Cell
LiFePO4
Battery
NC
6
4
1k
Ω
VDD
VBAT
VBAT
VSS
VSS
4.7 µF
1.15 k
Ω
MCP73123 Typical Application
Ac-dc-Adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com