Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73223T-C2SI/MF Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP73223T-C2SI/MF
Description  Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73223T-C2SI/MF Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP73223T-C2SI/MF Datasheet HTML 15Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 16Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 17Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 18Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 19Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 20Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 21Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 22Page - Microchip Technology MCP73223T-C2SI/MF Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
© 2009 Microchip Technology Inc.
DS22191A-page 19
MCP73123/223
5.9
Thermal Regulation
The MCP73123/223 shall limit the charge current
based on the die temperature. The thermal regulation
optimizes the charge cycle time while maintaining
device reliability.
Figure 5-1 depicts the thermal
regulation for the MCP73123/223 device. Refer to
Section 1.0 “Electrical Characteristics” for thermal
package resistances and
Section 6.1.1.2 “Thermal
Considerations” for calculating power dissipation.
.
FIGURE 5-1:
Thermal Regulation
5.10
Thermal Shutdown
The MCP73123/223 suspends charge if the die
temperature exceeds +150°C. Charging will resume
when the die temperature has cooled by approximately
10°C. The thermal shutdown is a secondary safety
feature in the event that there is a failure within the
thermal regulation circuitry.
5.11
Status Indicator
The charge status outputs are open-drain outputs with
two different states: Low (L), and High Impedance
(Hi-Z). The charge status outputs can be used to
illuminate LEDs. Optionally, the charge status outputs
can be used as an interface to a host microcontroller.
Table 5-2 summarize the state of the status outputs
during a charge cycle.
5.12
BATTERY SHORT PROTECTION
Once a lithium iron phosphate battery is detected, an
internal battery short protection (BSP) circuit starts
monitoring the battery voltage. When VBAT falls below
a typical 1.7V battery short protection threshold voltage
per
cell,
the
charging
behavior
is
postponed.
25 mA (typical) detection current is supplied for
recovering from battery short condition.
Preconditioning mode resumes when VBAT raises
above battery short protection threshold. The battery
voltage must rise approximately 150 mV above the
battery short protection voltage before the MCP73123/
223 device become operational.
0
100
200
300
400
500
600
25 35 45 55 65 75 85 95 105 115 125 135 145
Junction Temperature (°C)
VDD = 5.2V
RPROG = 2 kΩ
TABLE 5-2:
STATUS OUTPUTS
CHARGE CYCLE
STATE
STAT
Shutdown
Hi-Z
Standby
Hi-Z
Preconditioning
L
Constant Current Fast
Charge
L
Constant Voltage
L
Charge Complete - Standby
Hi-Z
Temperature Fault
1.6 second 50% D.C.
Flashing (Type 2)
Hi-Z (Type 1)
Timer Fault
1.6 second 50% D.C.
Flashing (Type 2)
Hi-Z (Type 1)
Preconditioning Timer Fault
1.6 second 50% D.C.
Flashing (Type 2)
Hi-Z (Type 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com