Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3901A3T-I/SS Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP3901A3T-I/SS
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A3T-I/SS Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP3901A3T-I/SS Datasheet HTML 8Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 9Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 10Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 11Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 12Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 13Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 14Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 15Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
MCP3901
DS22192A-page 12
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, AVDD = 5.0V, DVDD = 5.0 V; TA = +25°C, MCLK = 4 MHz; PRESCALE = 1;
OSR = 64; GAIN = 1; Dithering OFF; VIN = -0.5dBFS @ 60 Hz.
FIGURE 2-19:
Signal-to-Noise and
Distortion Histogram.
FIGURE 2-20:
Signal-to-Noise and
Distortion vs. Temperature.
FIGURE 2-21:
Signal-to-Noise and
Distortion vs. Input Signal Amplitude.
FIGURE 2-22:
Channel 0 Offset vs.
Temperature.
FIGURE 2-23:
Channel 1 Offset vs.
Temperature.
FIGURE 2-24:
Channel-to-Channel Offset
Match vs. Temperature.
0
2
4
6
8
10
12
78.9
79
79.1 79.2 79.3 79.4 79.5 79.6 79.7 79.8
SINAD (dB)
fIN = 60 Hz
MCLK = 4 MHz
OSR = 64
Dithering OFF
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
204060
80
Input Amplitude (dBFS)
-
--
-
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
-50
-25
0
25
50
75
100
125
150
Temperature (ºC)
G=8
G=16
G=1
G=32
G=4
G=2
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-50-25
0
25
50
75100
125
150
Temperature (°C)
G=8
G=1
G=16
G=32
G=2
G=4
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
Channel 0
Channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com