Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3901A3T-I/SS Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP3901A3T-I/SS
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A3T-I/SS Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP3901A3T-I/SS Datasheet HTML 15Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 16Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 17Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 18Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 19Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 20Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 21Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 22Page - Microchip Technology MCP3901A3T-I/SS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 19
MCP3901
4.0
TERMINOLOGY AND
FORMULAS
This section defines the terms and formulas used
throughout this data sheet. The following terms are
defined:
MCLK - Master Clock
AMCLK - Analog Master Clock
DMCLK - Digital Master Clock
DRCLK - Data Rate Clock
OSR - Oversampling Ratio
Offset Error
Gain Error
Integral Non-Linearity Error
Signal-To-Noise Ratio (SNR)
Signal-To-Noise Ratio And Distortion (SINAD)
Total Harmonic Distortion (THD)
Spurious-Free Dynamic Range (SFDR)
MCP3901 Delta-Sigma Architecture
Idle Tones
Dithering
Crosstalk
PSRR
CMRR
ADC Reset Mode
Hard Reset Mode (RESET = 0)
ADC Shutdown Mode
Full Shutdown Mode
4.1
MCLK - Master Clock
This is the fastest clock present in the device. This is
the frequency of the crystal placed at the OSC1/OSC2
inputs when CLKEXT=0 or the frequency of the clock
input at the OSC1/CLKI when CLKEXT=1. See
Figure 1-5.
4.2
AMCLK - Analog Master Clock
This is the clock frequency that is present on the analog
portion of the device, after prescaling has occurred via
the CONFIG1 PRESCALE<1:0> register bits. The ana-
log portion includes the PGAs and the two sigma-delta
modulators.
EQUATION 4-1:
4.3
DMCLK - Digital Master Clock
This is the clock frequency that is present on the digital
portion of the device, after prescaling and division by 4.
This is also the sampling frequency, that is the rate at
which the modulator outputs are refreshed. Each
period of this clock corresponds to one sample and one
modulator output. See Figure 1-5.
EQUATION 4-2:
4.4
DRCLK - Data Rate Clock
This is the output data rate i.e. the rate at which the
ADCs output new data. Each new data is signaled by a
data ready pulse on the DR pin.
This data rate is depending on the OSR and the
prescaler with the following formula:
EQUATION 4-3:
TABLE 4-1:
MCP3901 OVERSAMPLING
RATIO SETTINGS
Config
Analog Master Clock
Prescale
PRE<1:0>
0
0
AMCLK = MCLK/ 1 (default)
0
1
AMCLK = MCLK/ 2
1
0
AMCLK = MCLK/ 4
1
1
AMCLK = MCLK/ 8
AMCLK
MCLK
PRESCALE
-------------------------------
=
DMCLK
AMCLK
4
---------------------
MCLK
4
PRESCALE
×
----------------------------------------
==
DRCLK
DMCLK
OSR
----------------------
AMCLK
4OSR
×
---------------------
MCLK
4
OSR
PRESCALE
×
×
-----------------------------------------------------------
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com