Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10 Datasheet(PDF) 224 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 224 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 220Page - Microchip Technology PIC18F44J10 Datasheet HTML 221Page - Microchip Technology PIC18F44J10 Datasheet HTML 222Page - Microchip Technology PIC18F44J10 Datasheet HTML 223Page - Microchip Technology PIC18F44J10 Datasheet HTML 224Page - Microchip Technology PIC18F44J10 Datasheet HTML 225Page - Microchip Technology PIC18F44J10 Datasheet HTML 226Page - Microchip Technology PIC18F44J10 Datasheet HTML 227Page - Microchip Technology PIC18F44J10 Datasheet HTML 228Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 222
© 2009 Microchip Technology Inc.
18.5
A/D Conversions
Figure 18-3 shows the operation of the A/D converter
after the GO/DONE bit has been set and the
ACQT<2:0> bits are cleared. A conversion is started
after the following instruction to allow entry into Sleep
mode before the conversion begins.
Figure 18-4 shows the operation of the A/D converter
after the GO/DONE bit has been set, the ACQT<2:0>
bits are set to ‘010’ and selecting a 4 TAD acquisition
time before the conversion starts.
Clearing the GO/DONE bit during a conversion will abort
the current conversion. The A/D Result register pair will
NOT be updated with the partially completed A/D
conversion sample. This means the ADRESH:ADRESL
registers will continue to contain the value of the last
completed conversion (or the last value written to the
ADRESH:ADRESL registers).
After the A/D conversion is completed or aborted, a
2TAD wait is required before the next acquisition can be
started. After this wait, acquisition on the selected
channel is automatically started.
18.6
Use of the ECCP2 Trigger
An A/D conversion can be started by the “Special Event
Trigger” of the ECCP2 module. This requires that the
CCP2M<3:0> bits (CCP2CON<3:0>) be programmed
as ‘1011’ and that the A/D module is enabled (ADON
bit is set). When the trigger occurs, the GO/DONE bit
will be set, starting the A/D acquisition and conversion
and the Timer1 (or Timer3) counter will be reset to zero.
Timer1 (or Timer3) is reset to automatically repeat the
A/D acquisition period with minimal software overhead
(moving ADRESH/ADRESL to the desired location).
The appropriate analog input channel must be selected
and the minimum acquisition period is either timed by
the user, or an appropriate TACQ time is selected before
the Special Event Trigger sets the GO/DONE bit (starts
a conversion).
If the A/D module is not enabled (ADON is cleared), the
Special Event Trigger will be ignored by the A/D module
but will still reset the Timer1 (or Timer3) counter.
FIGURE 18-3:
A/D CONVERSION TAD CYCLES (ACQT<2:0> = 000, TACQ = 0)
FIGURE 18-4:
A/D CONVERSION TAD CYCLES (ACQT<2:0> = 010, TACQ = 4 TAD)
Note:
The GO/DONE bit should NOT be set in
the same instruction that turns on the A/D.
TAD1 TAD2 TAD3 TAD4 TAD5 TAD6 TAD7 TAD8
TAD11
Set GO/DONE bit
Holding capacitor is disconnected from analog input (typically 100 ns)
TAD9 TAD10
TCY - TAD
Next Q4: ADRESH/ADRESL is loaded, GO/DONE bit is cleared,
ADIF bit is set, holding capacitor is connected to analog input.
Conversion starts
b0
b9
b6
b5
b4
b3
b2
b1
b8
b7
1
2
3
4
5
6
7
8
11
Set GO/DONE bit
(Holding capacitor is disconnected)
9
10
Next Q4: ADRESH:ADRESL is loaded, GO/DONE bit is cleared,
ADIF bit is set, holding capacitor is reconnected to analog input.
Conversion starts
1
2
3
4
(Holding capacitor continues
acquiring input)
TACQT Cycles
TAD Cycles
Automatic
Acquisition
Time
b0
b9
b6
b5
b4
b3
b2
b1
b8
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com