Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10 Datasheet(PDF) 225 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 225 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 221Page - Microchip Technology PIC18F44J10 Datasheet HTML 222Page - Microchip Technology PIC18F44J10 Datasheet HTML 223Page - Microchip Technology PIC18F44J10 Datasheet HTML 224Page - Microchip Technology PIC18F44J10 Datasheet HTML 225Page - Microchip Technology PIC18F44J10 Datasheet HTML 226Page - Microchip Technology PIC18F44J10 Datasheet HTML 227Page - Microchip Technology PIC18F44J10 Datasheet HTML 228Page - Microchip Technology PIC18F44J10 Datasheet HTML 229Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 223
PIC18F45J10 FAMILY
18.7
A/D Converter Calibration
The A/D converter in the PIC18F45J10 family of
devices includes a self-calibration feature which com-
pensates for any offset generated within the module.
The calibration process is automated and is initiated by
setting the ADCAL bit (ADCON0<7>). The next time
the GO/DONE bit is set, the module will perform a
“dummy” conversion (that is, with reading none of the
input channels) and store the resulting value internally
to compensate for offset. Thus, subsequent offsets will
be compensated.
The calibration process assumes that the device is in a
relatively steady-state operating condition. If A/D
calibration is used, it should be performed after each
device Reset or if there are other major changes in
operating conditions.
18.8
Operation in Power-Managed
Modes
The selection of the automatic acquisition time and A/D
conversion clock is determined in part by the clock
source and frequency while in a power-managed mode.
If the A/D is expected to operate while the device is in
a power-managed mode, the ACQT<2:0> and
ADCS<2:0> bits in ADCON2 should be updated in
accordance with the power-managed mode clock that
will be used. After the power-managed mode is entered
(either of the power-managed Run modes), an A/D
acquisition or conversion may be started. Once an
acquisition or conversion is started, the device should
continue to be clocked by the same power-managed
mode clock source until the conversion has been com-
pleted. If desired, the device may be placed into the
corresponding power-managed Idle mode during the
conversion.
If the power-managed mode clock frequency is less
than 1 MHz, the A/D RC clock source should be
selected.
Operation in the Sleep mode requires the A/D RC clock
to be selected. If bits, ACQT<2:0>, are set to ‘000’ and
a conversion is started, the conversion will be delayed
one instruction cycle to allow execution of the SLEEP
instruction and entry to Sleep mode. The IDLEN and
SCS bits in the OSCCON register must have already
been cleared prior to starting the conversion.
TABLE 18-2:
REGISTERS ASSOCIATED WITH A/D OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
47
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
49
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
49
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
49
PIR2
OSCFIF
CMIF
—
—
BCL1IF
—
—
CCP2IF
49
PIE2
OSCFIE
CMIE
—
—
BCL1IE
—
—
CCP2IE
49
IPR2
OSCFIP
CMIP
—
—
BCL1IP
—
—
CCP2IP
49
ADRESH
A/D Result Register High Byte
48
ADRESL
A/D Result Register Low Byte
48
ADCON0
ADCAL
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
48
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
48
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
48
PORTA
—
—RA5
—
RA3
RA2
RA1
RA0
50
TRISA
—
—
TRISA5
—
TRISA3
TRISA2
TRISA1
TRISA0
50
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
50
TRISB
PORTB Data Direction Control Register
50
LATB
PORTB Data Latch Register (Read and Write to Data Latch)
50
PORTE(1)
—
—
—
—
—RE2
RE1
RE0
50
TRISE(1)
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
50
LATE(1)
—
—
—
—
—
PORTE Data Latch Register
(Read and Write to Data Latch)
50
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used for A/D conversion.
Note 1:
These registers and/or bits are not implemented on 28-pin devices and should be read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com