Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10 Datasheet(PDF) 231 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 231 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 227Page - Microchip Technology PIC18F44J10 Datasheet HTML 228Page - Microchip Technology PIC18F44J10 Datasheet HTML 229Page - Microchip Technology PIC18F44J10 Datasheet HTML 230Page - Microchip Technology PIC18F44J10 Datasheet HTML 231Page - Microchip Technology PIC18F44J10 Datasheet HTML 232Page - Microchip Technology PIC18F44J10 Datasheet HTML 233Page - Microchip Technology PIC18F44J10 Datasheet HTML 234Page - Microchip Technology PIC18F44J10 Datasheet HTML 235Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 229
PIC18F45J10 FAMILY
19.9
Analog Input Connection
Considerations
A simplified circuit for an analog input is shown in
Figure 19-4. Since the analog pins are connected to a
digital output, they have reverse biased diodes to VDD
and VSS. The analog input, therefore, must be between
VSS and VDD. If the input voltage deviates from this
range by more than 0.6V in either direction, one of the
diodes is forward biased and a latch-up condition may
occur. A maximum source impedance of 10 k
Ω is
recommended for the analog sources. Any external
component connected to an analog input pin, such as
a capacitor or a Zener diode, should have very little
leakage current.
FIGURE 19-4:
COMPARATOR ANALOG INPUT MODEL
TABLE 19-1:
REGISTERS ASSOCIATED WITH COMPARATOR MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
49
CVRCON
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
49
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
50
PIR2
OSCFIF
CMIF
—
—
BCL1IF
—
—
CCP2IF
49
PIE2
OSCFIE
CMIE
—
—
BCL1IE
—
—
CCP2IE
49
IPR2
OSCFIP
CMIP
—
—
BCL1IP
—
—
CCP2IP
49
PORTA
—
—RA5
—
RA3
RA2
RA1
RA0
50
LATA
—
—
PORTA Data Latch Register (Read and Write to Data Latch)
50
TRISA
—
—
TRISA5
—
TRISA3
TRISA2
TRISA1
TRISA0
50
Legend:
— = unimplemented, read as ‘0’. Shaded cells are unused by the comparator module.
VA
RS < 10k
AIN
CPIN
5 pF
VDD
VT = 0.6V
VT = 0.6V
RIC
ILEAKAGE
±100 nA
VSS
Legend:
CPIN
= Input Capacitance
VT
= Threshold Voltage
ILEAKAGE = Leakage Current at the pin due to various junctions
RIC
= Interconnect Resistance
RS
= Source Impedance
VA
= Analog Voltage
Comparator
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com