Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10 Datasheet(PDF) 159 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 159 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 155Page - Microchip Technology PIC18F44J10 Datasheet HTML 156Page - Microchip Technology PIC18F44J10 Datasheet HTML 157Page - Microchip Technology PIC18F44J10 Datasheet HTML 158Page - Microchip Technology PIC18F44J10 Datasheet HTML 159Page - Microchip Technology PIC18F44J10 Datasheet HTML 160Page - Microchip Technology PIC18F44J10 Datasheet HTML 161Page - Microchip Technology PIC18F44J10 Datasheet HTML 162Page - Microchip Technology PIC18F44J10 Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 157
PIC18F45J10 FAMILY
16.3.8
OPERATION IN POWER-MANAGED
MODES
In SPI Master mode, module clocks may be operating
at a different speed than when in Full-Power mode; in
the case of Sleep mode, all clocks are halted.
In Idle modes, a clock is provided to the peripherals.
That clock should be from the primary clock source, the
secondary clock (Timer1 oscillator at 32.768 kHz) or
the INTOSC source. See Section 3.6 “Clock Sources
and Oscillator Switching”
for additional information.
In most cases, the speed that the master clocks SPI
data is not important; however, this should be
evaluated for each system.
If MSSP interrupts are enabled, they can wake the con-
troller from Sleep mode, or one of the Idle modes, when
the master completes sending data. If an exit from
Sleep or Idle mode is not desired, MSSP interrupts
should be disabled.
If the Sleep mode is selected, all module clocks are
halted and the transmission/reception will remain in
that state until the devices wakes. After the device
returns to Run mode, the module will resume
transmitting and receiving data.
In SPI Slave mode, the SPI Transmit/Receive Shift
register operates asynchronously to the device. This
allows the device to be placed in any power-managed
mode and data to be shifted into the SPI
Transmit/Receive Shift register. When all 8 bits have
been received, the MSSP interrupt flag bit will be set
and if enabled, will wake the device.
16.3.9
EFFECTS OF A RESET
A Reset disables the MSSP module and terminates the
current transfer.
16.3.10
BUS MODE COMPATIBILITY
Table 16-1 shows the compatibility between the
standard SPI modes and the states of the CKP and
CKE control bits.
TABLE 16-1:
SPI BUS MODES
There is also an SMP bit which controls when the data
is sampled.
16.3.11
SPI CLOCK SPEED AND MODULE
INTERACTIONS
Because MSSP1 and MSSP2 are independent
modules, they can operate simultaneously at different
data rates. Setting the SSPM<3:0> bits of the
SSPxCON1 register determines the rate for the
corresponding module.
An exception is when both modules use Timer2 as a
time base in Master mode. In this instance, any
changes to the Timer2 operation will affect both MSSP
modules equally. If different bit rates are required for
each module, the user should select one of the other
three time base options for one of the modules.
Standard SPI Mode
Terminology
Control Bits State
CKP
CKE
0, 0
0
1
0, 1
0
0
1, 0
1
1
1, 1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com