Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/SOSQTP Datasheet(PDF) 367 Page - Microchip Technology

Part # PIC18F44J10-I/SOSQTP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SOSQTP Datasheet(HTML) 367 Page - Microchip Technology

Back Button PIC18F44J10-I/SOSQTP Datasheet HTML 360Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 361Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 362Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 363Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 364Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 365Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 366Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 367Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 368Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 367 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 365
PIC18F45J10 FAMILY
PIC18F45J10 FAMILY PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC18F24J10/25J10, PIC18F44J10/45J10,
PIC18F24J10/25J10T(1), PIC18F44J10/45J10T(1);
VDD range 2.7V to 3.6V
PIC18LF24J10/25J10, PIC18LF44J10/45J10,
PIC18LF24J10/25J10T(1), PIC18LF44J10/45J10T(1);
VDDCORE range 2.0V to 2.7V
Temperature Range
I
=
-40
°C to +85°C (Industrial)
Package
PT
=
TQFP (Thin Quad Flatpack)
SO
=
SOIC
SP
=
Skinny Plastic DIP
P=
PDIP
ML
=
QFN
SS
=
SSOP
Pattern
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC18LF45J10-I/P 301 = Industrial temp.,
PDIP package, QTP pattern #301.
b)
PIC18LF24J10-I/SO = Industrial temp., SOIC
package.
c)
PIC18LF44J10-I/P = Industrial temp., PDIP
package.
Note 1:
T
= in tape and reel TQFP
packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com