Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/SP Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC18F44J10-I/SP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SP Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC18F44J10-I/SP Datasheet HTML 39Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 40Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 41Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 42Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 43Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 44Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 45Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 46Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 41
PIC18F45J10 FAMILY
5.0
RESET
The PIC18F45J10 family of devices differentiate
between various kinds of Reset:
a)
Power-on Reset (POR)
b)
MCLR Reset during normal operation
c)
MCLR Reset during power-managed modes
d)
Watchdog Timer (WDT) Reset (during
execution)
e)
Configuration Mismatch (CM)
f)
Brown-out Reset (BOR)
g)
RESET
Instruction
h)
Stack Full Reset
i)
Stack Underflow Reset
This section discusses Resets generated by MCLR,
POR and BOR and covers the operation of the various
start-up timers. Stack Reset events are covered in
Section 6.1.4.4 “Stack Full and Underflow Resets”
.
WDT Resets are covered in Section 21.2 “Watchdog
Timer (WDT)”
.
A simplified block diagram of the on-chip Reset circuit
is shown in Figure 5-1.
5.1
RCON Register
Device Reset events are tracked through the RCON
register (Register 5-1). The lower six bits of the register
indicate that a specific Reset event has occurred. In
most cases, these bits can only be set by the event and
must be cleared by the application after the event. The
state of these flag bits, taken together, can be read to
indicate the type of Reset that just occurred. This is
described in more detail in Section 5.7 “Reset State
of Registers”
.
The RCON register also has a control bit for setting
interrupt priority (IPEN). Interrupt priority is discussed
in Section 9.0 “Interrupts”.
FIGURE 5-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
External Reset
MCLR
VDD
WDT
Time-out
VDD Rise
Detect
PWRT
INTRC
POR Pulse
Chip_Reset
Brown-out
Reset(1)
RESET
Instruction
Stack
Pointer
Stack Full/Underflow Reset
Sleep
( )_IDLE
32
μs
Note 1:
The Brown-out Reset is not available in PIC18LF2XJ10/4XJ10 devices.
PWRT
11-Bit Ripple Counter
66 ms
S
R
Q
Configuration Word Mismatch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com