Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/SP Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC18F44J10-I/SP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SP Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC18F44J10-I/SP Datasheet HTML 47Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 48Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 49Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 50Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 51Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 52Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 53Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 54Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 49
PIC18F45J10 FAMILY
CCPR1H
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
CCPR2H
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2L
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
PIC18F2XJ10 PIC18F4XJ10
--00 0000
--00 0000
--uu uuuu
BAUDCON
PIC18F2XJ10 PIC18F4XJ10
01-0 0-00
01-0 0-00
uu-u u-uu
ECCP1DEL
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
ECCP1AS
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
CVRCON
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
CMCON
PIC18F2XJ10 PIC18F4XJ10
0000 0111
0000 0111
uuuu uuuu
SPBRGH
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
SPBRG
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
RCREG
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
TXREG
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXSTA
PIC18F2XJ10 PIC18F4XJ10
0000 0010
0000 0010
uuuu uuuu
RCSTA
PIC18F2XJ10 PIC18F4XJ10
0000 000x
0000 000x
uuuu uuuu
EECON2
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
EECON1
PIC18F2XJ10 PIC18F4XJ10
---0 x00-
---0 x00-
---u uuu-
IPR3
PIC18F2XJ10 PIC18F4XJ10
11-- ----
11-- ----
uu-- ----
PIR3
PIC18F2XJ10 PIC18F4XJ10
00-- ----
00-- ----
uu-- ----(3)
PIE3
PIC18F2XJ10 PIC18F4XJ10
00-- ----
00-- ----
uu-- ----
IPR2
PIC18F2XJ10 PIC18F4XJ10
11-- 1--1
11-- 1--1
uu-- u--u
PIR2
PIC18F2XJ10 PIC18F4XJ10
00-- 0--0
00-- 0--0
uu-- u--u(3)
PIE2
PIC18F2XJ10 PIC18F4XJ10
00-- 0--0
00-- 0--0
uu-- u--u
IPR1
PIC18F2XJ10 PIC18F4XJ10
1111 1111
1111 1111
uuuu uuuu
PIR1
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu(3)
PIE1
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
TABLE 5-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets,
CM Resets
Wake-up via WDT
or Interrupt
Legend: u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4:
See Table 5-1 for Reset value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com