Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/SP Datasheet(PDF) 116 Page - Microchip Technology

Part # PIC18F44J10-I/SP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SP Datasheet(HTML) 116 Page - Microchip Technology

Back Button PIC18F44J10-I/SP Datasheet HTML 112Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 113Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 114Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 115Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 116Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 117Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 118Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 119Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 114
© 2009 Microchip Technology Inc.
FIGURE 10-4:
PARALLEL SLAVE PORT WRITE WAVEFORMS
FIGURE 10-5:
PARALLEL SLAVE PORT READ WAVEFORMS
TABLE 10-13: REGISTERS ASSOCIATED WITH PARALLEL SLAVE PORT
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTD(1)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
50
LATD(1)
PORTD Data Latch Register (Read and Write to Data Latch)
50
TRISD(1)
PORTD Data Direction Control Register
50
PORTE(1)
—
—
—
—
—
RE2
RE1
RE0
50
LATE(1)
—
—
—
—
—
PORTE Data Latch Register
(Read and Write to Data Latch)
50
TRISE(1)
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
50
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
47
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
49
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
49
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
49
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
48
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by the Parallel Slave Port.
Note 1:
These registers and/or bits are not implemented on 28-pin devices and should be read as ‘0’.
Q1
Q2
Q3
Q4
CS
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
WR
RD
IBF
OBF
PSPIF
PORTD<7:0>
Q1
Q2
Q3
Q4
CS
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
WR
IBF
PSPIF
RD
OBF
PORTD<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com