Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/SP Datasheet(PDF) 129 Page - Microchip Technology

Part # PIC18F44J10-I/SP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SP Datasheet(HTML) 129 Page - Microchip Technology

Back Button PIC18F44J10-I/SP Datasheet HTML 125Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 126Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 127Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 128Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 129Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 130Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 131Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 132Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 127
PIC18F45J10 FAMILY
14.0
CAPTURE/COMPARE/PWM
(CCP) MODULES
PIC18F45J10 family devices all have two CCP
(Capture/Compare/PWM) modules. Each module
contains a 16-bit register which can operate as a 16-bit
Capture register, a 16-bit Compare register or a PWM
Master/Slave Duty Cycle register.
In 28-pin devices, the two standard CCP modules
(CCP1 and CCP2) operate as described in this chapter.
In 40/44-pin devices, CCP1 is implemented as an
Enhanced CCP module (ECCP1) with standard Capture
and Compare modes and Enhanced PWM modes. The
Enhanced CCP implementation is discussed in
Section 15.0
“Enhanced
Capture/Compare/PWM
(ECCP) Module”
.
The Capture and Compare operations described in this
chapter apply to all standard and Enhanced CCP
modules.
Note:
Throughout this section and Section 15.0
“Enhanced Capture/Compare/PWM (ECCP)
Module”
, references to the register and bit
names for CCP modules are referred to gener-
ically by the use of ‘x’ or ‘y’ in place of the
specific module number. Thus, “CCPxCON”
might refer to the control register for CCP1,
CCP2 or ECCP1. “CCPxCON” is used
throughout these sections to refer to the
module control register regardless of whether
the CCP module is a standard or Enhanced
implementation.
REGISTER 14-1:
CCPxCON: CCP1/CCP2 CONTROL REGISTER IN 28-PIN DEVICES
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DCxB1
DCxB0
CCPxM3
CCPxM2
CCPxM1
CCPxM0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented:
Read as ‘0’
bit 5-4
DCxB<1:0>:
PWM Duty Cycle bit 1 and bit 0
Capture mode:
Unused.
Compare mode:
Unused.
PWM mode:
These bits are the two LSbs (bit 1 and bit 0) of the 10-bit PWM duty cycle. The eight MSbs (DCxB<9:2>)
of the duty cycle are found in CCPRxL.
bit 3-0
CCPxM<3:0>:
CCPx Mode Select bits
0000
= Capture/Compare/PWM disabled (resets CCPx module)
0001
= Reserved
0010
= Compare mode, toggle output on match (CCPxIF bit is set)
0011
= Reserved
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode: initialize CCPx pin low; on compare match, force CCPx pin high
(CCPxIF bit is set)
1001
= Compare mode: initialize CCPx pin high; on compare match, force CCPx pin low
(CCPxIF bit is set)
1010
= Compare mode: generate software interrupt on compare match (CCPxIF bit is set,
CCPx pin reflects I/O state)
1011
= Compare mode: trigger special event, reset timer, start A/D conversion on
CCPx match (CCPxIF bit is set)
11xx
=PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com