Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/SP Datasheet(PDF) 194 Page - Microchip Technology

Part # PIC18F44J10-I/SP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SP Datasheet(HTML) 194 Page - Microchip Technology

Back Button PIC18F44J10-I/SP Datasheet HTML 190Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 191Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 192Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 193Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 194Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 195Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 196Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 197Page - Microchip Technology PIC18F44J10-I/SP Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 192
© 2009 Microchip Technology Inc.
TABLE 16-4:
REGISTERS ASSOCIATED WITH I2C™ OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
47
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
49
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
49
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
49
PIR2
OSCFIF
CMIF
—
—
BCL1IF
—
—
CCP2IF
49
PIE2
OSCFIE
CMIE
—
—
BCL1IE
—
—
CCP2IE
49
IPR2
OSCFIP
CMIP
—
—
BCL1IP
—
—
CCP2IP
49
PIR3
SSP2IF
BCL2IF
—
—
—
—
—
—49
PIE3
SSP2IE
BCL2IE
—
—
—
—
—
—49
IPR3
SSP2IP
BCL2IP
—
—
—
—
—
—49
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
50
TRISD(1)
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
50
SSP1BUF
MSSP1 Receive Buffer/Transmit Register
48
SSP1ADD MSSP1 Address Register (I2C™ Slave mode).
MSSP1 Baud Rate Reload Register (I2C Master mode).
48
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
48
SSP1CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
48
GCEN
ACKSTAT ADMSK5(2) ADMSK4(2) ADMSK3(2) ADMSK2(2) ADMSK1(2)
SEN
48
SSP1STAT
SMP
CKE
D/A
PS
R/W
UA
BF
48
SSP2BUF
MSSP2 Receive Buffer/Transmit Register
50
SSP2ADD MSSP2 Address Register (I2C Slave mode).
MSSP2 Baud Rate Reload Register (I2C Master mode).
50
SSP2CON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
50
SSP2CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
50
GCEN
ACKSTAT ADMSK5(2) ADMSK4(2) ADMSK3(2) ADMSK2(2) ADMSK1(2)
SEN
48
SSP2STAT
SMP
CKE
D/A
PS
R/W
UA
BF
50
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by the MSSP module in I2C™ mode.
Note 1:
These registers and/or bits are not implemented on 28-pin devices and should be read as ‘0’.
2:
Alternate names and definitions for these bits when the MSSP module is operating in I2C Slave mode. See
Section 16.4.3.2 “Address Masking”
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com