Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/ML Datasheet(PDF) 239 Page - Microchip Technology

Part # PIC18F44J10-I/ML
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/ML Datasheet(HTML) 239 Page - Microchip Technology

Back Button PIC18F44J10-I/ML Datasheet HTML 235Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 236Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 237Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 238Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 239Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 240Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 241Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 242Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 243Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 237
PIC18F45J10 FAMILY
REGISTER 21-1:
CONFIG1L: CONFIGURATION REGISTER 1 LOW (BYTE ADDRESS 300000h)
R/WO-1
R/WO-1
R/WO-1
U-0
U-0
U-0
U-0
R/WO-1
DEBUG
XINST
STVREN
—
—
—
—WDTEN
bit 7
bit 0
Legend:
R = Readable bit
WO = Write Once bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
DEBUG:
Background Debugger Enable bit
1
= Background debugger disabled; RB6 and RB7 configured as general purpose I/O pins
0
= Background debugger enabled; RB6 and RB7 are dedicated to In-Circuit Debug
bit 6
XINST:
Extended Instruction Set Enable bit
1
= Instruction set extension and Indexed Addressing mode enabled
0
= Instruction set extension and Indexed Addressing mode disabled (Legacy mode)
bit 5
STVREN
: Stack Overflow/Underflow Reset Enable bit
1
= Reset on stack overflow/underflow enabled
0
= Reset on stack overflow/underflow disabled
bit 4-1
Unimplemented:
Read as ‘0’
bit 0
WDTEN:
Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled (control is placed on SWDTEN bit)
REGISTER 21-2:
CONFIG1H: CONFIGURATION REGISTER 1 HIGH (BYTE ADDRESS 300001h)
U-0
U-0
U-0
U-0
U-0
R/WO-1
U-0
U-0
—(1)
—(1)
—(1)
—(1)
—(2)
CP0
—
—
bit 7
bit 0
Legend:
R = Readable bit
WO = Write Once bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-4
Unimplemented:
Read as ‘1’(1)
bit 3
Unimplemented:
Read as ‘0’(2)
bit 2
CP0:
Code Protection bit
1
= Program memory is not code-protected
0
= Program memory is code-protected
bit 1-0
Unimplemented:
Read as ‘0’
Note 1:
The value of these bits in program memory should always be ‘1’. This ensures that the location is
executed as a NOP if it is accidentally executed.
2:
This bit should always be maintained as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com