Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/ML Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC18F44J10-I/ML
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/ML Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC18F44J10-I/ML Datasheet HTML 44Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 45Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 46Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 47Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 48Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 49Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 50Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 51Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 46
© 2009 Microchip Technology Inc.
5.7
Reset State of Registers
Most registers are unaffected by a Reset. Their status
is unknown on POR and unchanged by all other
Resets. The other registers are forced to a “Reset
state” depending on the type of Reset that occurred.
Most registers are not affected by a WDT wake-up,
since this is viewed as the resumption of normal
operation. Status bits from the RCON register (CM, RI,
TO, PD, POR and BOR) are set or cleared differently in
different Reset situations, as indicated in Table 5-1.
These bits are used in software to determine the nature
of the Reset.
Table 5-2 describes the Reset states for all of the
Special Function Registers. These are categorized by
Power-on and Brown-out Resets, Master Clear and
WDT Resets and WDT wake-ups.
TABLE 5-1:
STATUS BITS, THEIR SIGNIFICANCE AND THE INITIALIZATION CONDITION FOR
RCON REGISTER
Condition
Program
Counter(1)
RCON Register
STKPTR Register
CM
RI
TO
PD
POR
BOR(2) STKFUL
STKUNF
Power-on Reset
0000h
11
11
0
0
0
0
RESET
instruction
0000h
u0
uu
u
u
u
u
Brown-out Reset
0000h
11
11
u
0
u
u
Configuration Mismatch Reset
0000h
0u
uu
u
u
u
u
MCLR Reset during
power-managed Run modes
0000h
uu
1u
u
u
u
u
MCLR Reset during
power-managed Idle modes
and Sleep mode
0000h
uu
10
u
u
u
u
MCLR Reset during full-power
execution
0000h
uu
uu
u
u
u
u
Stack Full Reset (STVREN = 1)
0000h
uu
uu
u
u
1
u
Stack Underflow Reset
(STVREN = 1)
0000h
uu
uu
u
u
u
1
Stack Underflow Error (not an
actual Reset, STVREN = 0)
0000h
uu
uu
u
u
u
1
WDT time-out during full-power
or power-managed Run modes
0000h
uu
0u
u
u
u
u
WDT time-out during
power-managed Idle or Sleep
modes
PC + 2
uu
00
u
u
u
u
Interrupt exit from
power-managed modes
PC + 2
uu
u0
u
u
u
u
Legend: u
= unchanged
Note 1:
When the wake-up is due to an interrupt and the GIEH or GIEL bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
2:
BOR is not available on PIC18LF2XJ10/4XJ10 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com