Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/ML Datasheet(PDF) 310 Page - Microchip Technology

Part # PIC18F44J10-I/ML
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/ML Datasheet(HTML) 310 Page - Microchip Technology

Back Button PIC18F44J10-I/ML Datasheet HTML 306Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 307Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 308Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 309Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 310Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 311Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 312Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 313Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 314Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 308
© 2009 Microchip Technology Inc.
Supply Current (IDD)(2)
All devices
4.2
8.5
mA
-40°C
FOSC = 1 MHz
(PRI_RUN mode,
EC oscillator)
3.9
8.0
mA
+25°C
VDD = 2.5V
3.6
7.3
mA
+85°C
All devices
4.3
8.6
mA
-40°C
4.0
8.1
mA
+25°C
VDD = 3.3V
3.7
7.6
mA
+85°C
All devices
4.6
9.3
mA
-40°C
FOSC = 4 MHz
(PRI_RUN mode,
EC oscillator)
4.3
8.7
mA
+25°C
VDD = 2.5V
4.0
8.1
mA
+85°C
All devices
4.7
9.4
mA
-40°C
4.4
8.8
mA
+25°C
VDD = 3.3V
4.1
8.2
mA
+85°C
All devices
11.0
22.0
mA
-40°C
FOSC = 40 MHz
(PRI_RUN mode,
EC oscillator)
10.5
21.0
mA
+25°C
VDD = 2.5V
10.0
20.0
mA
+85°C
All devices 12.0
24.0
mA
-40°C
11.5
23.0
mA
+25°C
VDD = 3.3V
11.0
22.0
mA
+85°C
24.2
DC Characteristics:
Power-Down and Supply Current
PIC18F24J10/25J10/44J10/45J10 (Industrial)
PIC18LF24J10/25J10/44J10/45J10 (Industrial) (Continued)
PIC18F45J10 Family
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Param
No.
Device
Typ
Max
Units
Conditions
Note
1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS and all features that add delta
current disabled (such as WDT, Timer1 oscillator, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin loading
and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have an impact on
the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
Standard, low-cost 32 kHz crystals have an operating temperature range of -10°C to +70°C. Extended temperature
crystals are available at a much higher cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com