Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/ML Datasheet(PDF) 325 Page - Microchip Technology

Part # PIC18F44J10-I/ML
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/ML Datasheet(HTML) 325 Page - Microchip Technology

Back Button PIC18F44J10-I/ML Datasheet HTML 321Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 322Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 323Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 324Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 325Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 326Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 327Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 328Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 329Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 323
PIC18F45J10 FAMILY
FIGURE 24-8:
TIMER0 AND TIMER1 EXTERNAL CLOCK TIMINGS
TABLE 24-11: TIMER0 AND TIMER1 EXTERNAL CLOCK REQUIREMENTS
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
40
TT0H
T0CKI High Pulse Width
No prescaler
0.5 TCY + 20
—
ns
With prescaler
10
—
ns
41
TT0L
T0CKI Low Pulse Width
No prescaler
0.5 TCY + 20
—
ns
With prescaler
10
—
ns
42
TT0P
T0CKI Period
No prescaler
TCY + 10
—
ns
With prescaler
Greater of:
20 ns or
(TCY + 40)/N
—ns
N = prescale
value
(1, 2, 4,..., 256)
45
TT1H
T1CKI High
Time
Synchronous, no prescaler
0.5 TCY + 20
—
ns
Synchronous, with prescaler
10
—
ns
Asynchronous
30
—
ns
46
TT1L
T1CKI Low
Time
Synchronous, no prescaler
0.5 TCY + 5
—
ns
Synchronous, with prescaler
10
—
ns
Asynchronous
30
—
ns
47
TT1P
T1CKI Input
Period
Synchronous
Greater of:
20 ns or
(TCY + 40)/N
—ns
N = prescale
value
(1, 2, 4, 8)
Asynchronous
60
—
ns
FT1
T1CKI Oscillator Input Frequency Range
DC
50
kHz
48
TCKE2TMRI Delay from External T1CKI Clock Edge to
Timer Increment
2 TOSC
7 TOSC
—
Note:
Refer to Figure 24-3 for load conditions.
46
47
45
48
41
42
40
T0CKI
T1OSO/T1CKI
TMR0 or
TMR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com