Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/ML Datasheet(PDF) 164 Page - Microchip Technology

Part # PIC18F44J10-I/ML
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/ML Datasheet(HTML) 164 Page - Microchip Technology

Back Button PIC18F44J10-I/ML Datasheet HTML 160Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 161Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 162Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 163Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 164Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 165Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 166Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 167Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 162
© 2009 Microchip Technology Inc.
REGISTER 16-5:
SSPxCON2: MSSPx CONTROL REGISTER 2 (I2C™ MASTER MODE)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GCEN
ACKSTAT
ACKDT(1)
ACKEN(2)
RCEN(2)
PEN(2)
RSEN(2)
SEN(2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
GCEN:
General Call Enable bit
Unused in Master mode.
bit 6
ACKSTAT:
Acknowledge Status bit (Master Transmit mode only)
1
= Acknowledge was not received from slave
0
= Acknowledge was received from slave
bit 5
ACKDT:
Acknowledge Data bit (Master Receive mode only)(1)
1
= Not Acknowledge
0
= Acknowledge
bit 4
ACKEN:
Acknowledge Sequence Enable bit(2)
1
= Initiate Acknowledge sequence on SDAx and SCLx pins and transmit ACKDT data bit.
Automatically cleared by hardware.
0
= Acknowledge sequence Idle
bit 3
RCEN:
Receive Enable bit (Master Receive mode only)(2)
1
= Enables Receive mode for I2C
0
= Receive Idle
bit 2
PEN:
Stop Condition Enable bit(2)
1
= Initiate Stop condition on SDAx and SCLx pins. Automatically cleared by hardware.
0
= Stop condition Idle
bit 1
RSEN:
Repeated Start Condition Enable bit(2)
1
= Initiate Repeated Start condition on SDAx and SCLx pins. Automatically cleared by hardware.
0
= Repeated Start condition Idle
bit 0
SEN:
Start Condition Enable bit(2)
1
= Initiate Start condition on SDAx and SCLx pins. Automatically cleared by hardware.
0
= Start condition Idle
Note 1:
Value that will be transmitted when the user initiates an Acknowledge sequence at the end of a receive.
2:
If the I2C module is active, these bits may not be set (no spooling) and the SSPxBUF may not be written
(or writes to the SSPxBUF are disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com