Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EDD51163DBH-LS Datasheet(PDF) 13 Page - Elpida Memory

Part # EDD51163DBH-LS
Description  512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD51163DBH-LS Datasheet(HTML) 13 Page - Elpida Memory

Back Button EDD51163DBH-LS Datasheet HTML 9Page - Elpida Memory EDD51163DBH-LS Datasheet HTML 10Page - Elpida Memory EDD51163DBH-LS Datasheet HTML 11Page - Elpida Memory EDD51163DBH-LS Datasheet HTML 12Page - Elpida Memory EDD51163DBH-LS Datasheet HTML 13Page - Elpida Memory EDD51163DBH-LS Datasheet HTML 14Page - Elpida Memory EDD51163DBH-LS Datasheet HTML 15Page - Elpida Memory EDD51163DBH-LS Datasheet HTML 16Page - Elpida Memory EDD51163DBH-LS Datasheet HTML 17Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
EDD51163DBH-LS
Preliminary Data Sheet E1433E30 (Ver. 3.0)
13
Pin Function
CK, /CK (input pins)
The CK and the /CK are the master clock inputs. All inputs except DMs, DQSs and DQs are referred to the cross
point of the CK rising edge and the /CK falling edge. When a read operation, DQSs and DQs are referred to the
cross point of the CK and the /CK. When a write operation, DMs and DQs are referred to the cross point of the DQS
and the VDDQ/2 level. DQSs for write operation are referred to the cross point of the CK and the /CK. The other
input signals are referred at CK rising edge.
/CS (input pin)
When /CS is low, commands and data can be input. When /CS is high, all inputs are ignored. However, internal
operations (bank active, burst operations, etc.) are held.
/RAS, /CAS, and /WE (input pins)
These pins define operating commands (read, write, etc.) depending on the combinations of their voltage levels.
See "Command operation".
A0 to A12 (input pins)
Row address (AX0 to AX12) is determined by the A0 to the A12 level at the cross point of the CK rising edge and the
/CK falling edge in a bank active command cycle. Column address is loaded at the cross point of the CK rising edge
and the /CK falling edge in a read or a write command cycle (See “Address Pins Table”). This column address
becomes the starting address of a burst operation.
[Address Pins Table]
Address (A0 to A12)
Part number
Page size
Organization
Row address
Column address
EDD51163DBH
2KB
× 16 bits
AX0 to AX12
AY0 to AY9
A10 (AP) (input pin)
A10 defines the precharge mode when a precharge command, a read command or a write command is issued. If
A10 = high when a precharge command is issued, all banks are precharged. If A10 = low when a precharge
command is issued, only the bank that is selected by BA1/BA0 is precharged. If A10 = high when read or write
command, auto precharge function is enabled.
BA0 and BA1 (input pins)
BA0 and BA1 are bank select signals (BA). The memory array is divided into bank 0, bank 1, bank 2 and bank 3.
(See Bank Select Signal Table)
[Bank Select Signal Table]
BA0
BA1
Bank 0
L
L
Bank 1
H
L
Bank 2
L
H
Bank 3
H
H
Remark: H: VIH. L: VIL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com