Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EBE81FF4ABHT Datasheet(PDF) 13 Page - Elpida Memory

Part # EBE81FF4ABHT
Description  8GB Fully Buffered DIMM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE81FF4ABHT Datasheet(HTML) 13 Page - Elpida Memory

Back Button EBE81FF4ABHT Datasheet HTML 9Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 10Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 11Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 12Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 13Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 14Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 15Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 16Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 17Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
EBE81FF4ABHT
Preliminary Data Sheet E1240E20 (Ver. 2.0)
13
13. Measured from
−150mV to + 150mV on the differential waveform. The signal must be monotonic through
the measurement region for rise and fall time. The 300mV measurement window is centered on the
differential 0V crossing.
14. Edge rate matching applies to rising edge rate for REFCLK+ and falling edge rate for REFCLK-. It is
measured using a ± 75mV window centered on the median cross point where REFCLK+ rising meets
REFCLK- falling. The median crosspoint is used to calculate the voltage thresholds the oscilloscope uses
for the edge rate calculations. The rising edge rate of REFCLK+ should be compared to the falling edge
rate of REFCLK-. The maximum allowed difference should not exceed 20% of the slowest edge
15. Tstable is the time the differential clock must maintain a minimum ±150mV differential voltage after rising
/falling edges before it is allowed to droop back into the ±100mV differential range.
16.Measured with a single-ended input voltage of 1V.
17. Applies to RefClk and RefClk#.
18. This parameter is not a direct clock output parameter but it indirectly determines the clock output
parameter TREF-JITTER.
19. The net transport delay is the difference in time of flight between associated data and clock paths. The
data path is defined from the reference clock source, through the TX, to data arrival at the data sampling
point in the RX. The clock path is defined from the reference clock source to clock arrival at the same
sampling point. The path delays are caused by copper trace routes, on-chip routing, on-chip buffering,
etc. They include the time-of-flight of interpolators or other clock adjustment mechanisms. They do not
include the phase delays caused by finite PLL loop bandwidth because these delays are modeled by the
PLL transfer functions.
20. Direct measurement of phase jitter records over NSAMPLE periods may be impractical. It is expected that
the jitter will be measured over a smaller, yet statistically significant, sample size and the total jitter at
NSAMPLE samples extrapolated from an estimate of the sigma of the random jitter components.
21. Measured with SSC enabled on reference clock generator.
22. As “measured” after the phase jitter filter. This number is separate from the receiver jitter budget that is
defined by the TRX-Total-MIN parameters.
23. This maximum value is below the noise floor of some test equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com