Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EBE81FF4ABHT Datasheet(PDF) 2 Page - Elpida Memory

Part # EBE81FF4ABHT
Description  8GB Fully Buffered DIMM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE81FF4ABHT Datasheet(HTML) 2 Page - Elpida Memory

  EBE81FF4ABHT Datasheet HTML 1Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 2Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 3Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 4Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 5Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 6Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 7Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 8Page - Elpida Memory EBE81FF4ABHT Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
EBE81FF4ABHT
Preliminary Data Sheet E1240E20 (Ver. 2.0)
2
Ordering Information
Part number
DIMM speed
grade
Component JEDEC
speed bin (CL-tRCD-tRP)
Mounted devices*
1
Mounted AMB*
2
EBE81FF4ABHT-6E-E
PC2-5300F
DDR2-667 (5-5-5)
2G bits DDR2 SDRAM
IDT Rev. C1
Notes: 1. Please refer to 2Gb DDR2 datasheet (E1196E) for detailed operation part and timing waveforms.
2. Please refer to the following documents for detailed operation part and timing waveforms.
Advanced Memory Buffer (AMB) specification
FB-DIMM Architecture and Protocol specification
Part Number
Elpida Memory
Density / Rank
81: 8GB/2-rank
Module Type
F: Fully Buffered
Mono Density
F: 2Gbit
Die Rev. (Mono)
DRAM Speed Grade
6E: DDR2-667 (5-5-5)
Product Family
E: DDR2
Type
B: Module
Power Supply, Interface
A: 1.8V, SSTL_1.8
Module Outline
H: 240-pin DIMM
(Stacked FBGA)
AMB Device Information
T: IDT, Rev.C1
Mono Organization
4: x4
E B E 81 F F 4 A B H T - 6E - E
Environment code
E: Lead Free
(RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com