Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT8740 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT8740
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8740 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT8740 Datasheet HTML 1Page - Active-Semi, Inc ACT8740 Datasheet HTML 2Page - Active-Semi, Inc ACT8740 Datasheet HTML 3Page - Active-Semi, Inc ACT8740 Datasheet HTML 4Page - Active-Semi, Inc ACT8740 Datasheet HTML 5Page - Active-Semi, Inc ACT8740 Datasheet HTML 6Page - Active-Semi, Inc ACT8740 Datasheet HTML 7Page - Active-Semi, Inc ACT8740 Datasheet HTML 8Page - Active-Semi, Inc ACT8740 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ACT8740
Rev PrB, 25-Feb-08
Innovative Products. Active Solutions.
- 4 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
PIN CONFIGURATION
TOP VIEW
Thin - QFN (TQFN44-24)
REFBP
GA
VSYS
ON1
GA
SDA
nIRQ
nMSTR
OUT3
VIN
1
2
3
4
5
6
18
17
16
15
14
13
19
20
21
22
23
24
12
11
10
9
8
7
OUT1
SCL
ACT8740
EP
ORDERING INFORMATION
PART
NUMBER
VOUT1
VOUT3
PACKAGE
PINS
TEMPERATURE
RANGE
ACT8740QLEGA-T
1.8V
3.0V
TQFN44-24
24
-40°C to +85°C
VOUT4
2.5V
VOUT5
3.0V
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders.
Additional output voltage options, as detailed in the Output Voltage Codes table, are available for production subject to minimum order
quantities. Contact Active-Semi for more information regarding semi-custom output voltage combinations.
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
OUTPUT VOLTAGE CODES
C
D
E
F
G
H
1.2V
1.5V
1.8V
2.5V
3.0V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com