Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT8740 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8740
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8740 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8740 Datasheet HTML 1Page - Active-Semi, Inc ACT8740 Datasheet HTML 2Page - Active-Semi, Inc ACT8740 Datasheet HTML 3Page - Active-Semi, Inc ACT8740 Datasheet HTML 4Page - Active-Semi, Inc ACT8740 Datasheet HTML 5Page - Active-Semi, Inc ACT8740 Datasheet HTML 6Page - Active-Semi, Inc ACT8740 Datasheet HTML 7Page - Active-Semi, Inc ACT8740 Datasheet HTML 8Page - Active-Semi, Inc ACT8740 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Innovative Products. Active Solutions.
- 1 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
ACT8740
Six Channel Integrated Power Management IC
for Handheld Portable Equipment
SYSTEM BLOCK DIAGRAM
Pb-free
FEATURES
• Multiple Patents Pending
• Li+ Battery Charger with Integrated MOSFET
− Programmable Charge Current up to 1A
− ON/OFF Control
• Five Integrated Regulators
− 350mA PWM Step-Down DC/DC
− Step-Up DC/DC with OVP for WLED Bias
− 350mA Low Noise LDO
− 250mA Low Noise LDO
− 250mA Low Noise LDO
• I2CTM Compatible Serial Interface
− Programmable Output Voltages
− Configurable Operating Modes
• Minimal External Components
• 4x4mm, Thin-QFN (TQFN44-24) Package
− Only 0.75mm Height
− RoHS Compliant
APPLICATIONS
• Portable Devices and PDAs
• Wireless Handhelds
• DMB Enabled Devices
• GPS Receivers, etc.
GENERAL DESCRIPTION
The patent-pending ACT8740 is a complete, cost
effective, highly-efficient ActivePMUTM power man-
agement solution that is ideal for a wide range of
portable handheld equipment. This device integrates
one PWM step-down DC/DC converter, one PWM
step-up DC/DC converter with over-voltage protec-
tion (OVP), three low dropout linear regulators
(LDOs) and a full-featured linear-mode Li+ battery
charger into a single, thin, space-saving package.
An I2C Serial Interface provides programmability for
the DC/DC converters, LDOs and battery charger.
REG1 is a fixed-frequency, current-mode PWM step
-down DC/DC converter that is optimized for high
efficiency and is capable of supplying up to 350mA
output current. REG2 is a fixed-frequency, step-up
DC/DC converter that safely and efficiently biases a
string of up to seven white-LEDs for backlighting.
REG3, REG4, and REG5 are low noise, high PSRR
linear regulators that are capable of supplying up to
350mA, 250mA, and 250mA, respectively. The bat-
tery charger incorporates an internal power MOS-
FET for constant-current/constant-voltage, thermally
regulated charging of a single-cell Li+ battery. All
DC/DC converters and LDOs output voltages are
programmable and controllable via the I2C interface.
The ACT8740 is available in a tiny 4mm x 4mm
24-pin Thin-QFN package that is just 0.75mm thin.
Rev PrB, 25-Feb-08
Advanced Product Information―All Information Subject to Change
SCL
SDA
OUT3
1.4 to 3.7V
Up to 350mA
ON1
VIN
System Control
nMSTR
CHGLEV
Battery
Programmable
Up to 1A
OUT4
1.4 to 3.7V
Up to 250mA
OUT5
1.4 to 3.7V
Up to 250mA
REG2
Step-Up
DC/DC
REG1
Step-Down
DC/DC
nIRQ
OUT2
WLED Bias
OUT1
1.1V to 4.4V
Up to 350mA
Single-Cell Li+
Battery Charger
ACT8740
REG3
LDO
REG4
LDO
REG5
LDO
TM
PMU
PMU
Active


Similar Part No. - ACT8740

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8740 ACTIVE-SEMI-ACT8740 Datasheet
111Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
More results

Similar Description - ACT8740

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8740 ACTIVE-SEMI-ACT8740 Datasheet
111Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8750 ACTIVE-SEMI-ACT8750 Datasheet
103Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8770 ACTIVE-SEMI-ACT8770 Datasheet
111Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
19-Feb-08
ACT8786 ACTIVE-SEMI-ACT8786 Datasheet
107Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796 Datasheet
108Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
31-Jan-08
ACT8798 ACTIVE-SEMI-ACT8798 Datasheet
109Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
31-Jan-08
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
ACT8798 ACTIVE-SEMI-ACT8798_08 Datasheet
646Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 10-Oct-08
ACT8796 ACTIVE-SEMI-ACT8796_09 Datasheet
692Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 2, 16-Nov-09
ACT8798 ACTIVE-SEMI-ACT8798_09 Datasheet
618Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 1, 16-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com