Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4321 Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 23Page - Microchip Technology PIC18F4321 Datasheet HTML 24Page - Microchip Technology PIC18F4321 Datasheet HTML 25Page - Microchip Technology PIC18F4321 Datasheet HTML 26Page - Microchip Technology PIC18F4321 Datasheet HTML 27Page - Microchip Technology PIC18F4321 Datasheet HTML 28Page - Microchip Technology PIC18F4321 Datasheet HTML 29Page - Microchip Technology PIC18F4321 Datasheet HTML 30Page - Microchip Technology PIC18F4321 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 27
PIC18F2221/2321/4221/4321 FAMILY
2.4
ICSP Pins
The PGC and PGD pins are used for In-Circuit Serial
Programming (ICSP) and debugging purposes. It is
recommended to keep the trace length between the
ICSP connector and the ICSP pins on the device as
short as possible. If the ICSP connector is expected to
experience an ESD event, a series resistor is recom-
mended, with the value in the range of a few tens of
ohms, not to exceed 100Ω.
Pull-up resistors, series diodes and capacitors on the
PGC and PGD pins are not recommended as they will
interfere
with
the
programmer/debugger
com-
munications to the device. If such discrete components
are an application requirement, they should be removed
from the circuit during programming and debugging.
Alternatively, refer to the AC/DC characteristics and
timing requirements information in the respective device
Flash programming specification for information on
capacitive loading limits and pin input voltage high (VIH)
and input low (VIL) requirements.
For device emulation, ensure that the “Communication
Channel Select” (i.e., PGC/PGD pins) programmed
into the device matches the physical connections for
the ICSP to the MPLAB® ICD 2, MPLAB ICD 3 or REAL
ICE™ emulator.
For more information on the ICD 2, ICD 3 and REAL
ICE emulator connection requirements, refer to the
following documents that are available on the
Microchip web site.
• “MPLAB® ICD 2 In-Circuit Debugger User’s
Guide” (DS51331)
• “Using MPLAB® ICD 2” (poster) (DS51265)
• “MPLAB® ICD 2 Design Advisory” (DS51566)
• “Using MPLAB® ICD 3” (poster) (DS51765)
• “MPLAB® ICD 3 Design Advisory” (DS51764)
• “MPLAB® REAL ICE™ In-Circuit Emulator User’s
Guide” (DS51616)
• “Using MPLAB® REAL ICE™ In-Circuit Emulator”
(poster) (DS51749)
2.5
External Oscillator Pins
Many microcontrollers have options for at least two
oscillators: a high-frequency primary oscillator and a
low-frequency
secondary
oscillator
(refer
to
Section 3.0 “Oscillator Configurations” for details).
The oscillator circuit should be placed on the same
side of the board as the device. Place the oscillator
circuit close to the respective oscillator pins with no
more than 0.5 inch (12 mm) between the circuit
components and the pins. The load capacitors should
be placed next to the oscillator itself, on the same side
of the board.
Use a grounded copper pour around the oscillator
circuit to isolate it from surrounding circuits. The
grounded copper pour should be routed directly to the
MCU ground. Do not run any signal traces or power
traces inside the ground pour. Also, if using a
two-sided board, avoid any traces on the other side of
the board where the crystal is placed. A suggested
layout is shown in Figure 2-3.
For additional information and design guidance on
oscillator circuits, please refer to these Microchip
Application Notes, available at the corporate web site
(www.microchip.com):
• AN826, “Crystal Oscillator Basics and Crystal
Selection for rfPIC™ and PICmicro® Devices”
• AN849, “Basic PICmicro® Oscillator Design”
• AN943, “Practical PICmicro® Oscillator Analysis
and Design”
• AN949, “Making Your Oscillator Work”
FIGURE 2-3:
SUGGESTED PLACEMENT
OF THE OSCILLATOR
CIRCUIT
2.6
Unused I/Os
Unused I/O pins should be configured as outputs and
driven to a logic low state. Alternatively, connect a 1 kΩ
to 10 kΩ resistor to VSS on unused pins and drive the
output to logic low.
13
Main Oscillator
Guard Ring
Guard Trace
Secondary
Oscillator
14
15
16
17
18
19
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com