Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4321 Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 51Page - Microchip Technology PIC18F4321 Datasheet HTML 52Page - Microchip Technology PIC18F4321 Datasheet HTML 53Page - Microchip Technology PIC18F4321 Datasheet HTML 54Page - Microchip Technology PIC18F4321 Datasheet HTML 55Page - Microchip Technology PIC18F4321 Datasheet HTML 56Page - Microchip Technology PIC18F4321 Datasheet HTML 57Page - Microchip Technology PIC18F4321 Datasheet HTML 58Page - Microchip Technology PIC18F4321 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 55
PIC18F2221/2321/4221/4321 FAMILY
TABLE 5-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
2221 2321 4221 4321
---0 0000
---0 0000
---0 uuuu(3)
TOSH
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu(3)
TOSL
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu(3)
STKPTR
2221 2321 4221 4321
00-0 0000
uu-0 0000
uu-u uuuu(3)
PCLATU
2221 2321 4221 4321
--00 0000
--00 0000
--uu uuuu
PCLATH
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
PCL
2221 2321 4221 4321
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
2221 2321 4221 4321
--00 0000
--00 0000
--uu uuuu
TBLPTRH
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
TABLAT
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
PRODH
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
2221 2321 4221 4321
0000 000x
0000 000u
uuuu uuuu(1)
INTCON2
2221 2321 4221 4321
1111 -1-1
1111 -1-1
uuuu -u-u(1)
INTCON3
2221 2321 4221 4321
11-0 0-00
11-0 0-00
uu-u u-uu(1)
INDF0
2221 2321 4221 4321
N/A
N/A
N/A
POSTINC0
2221 2321 4221 4321
N/A
N/A
N/A
POSTDEC0
2221 2321 4221 4321
N/A
N/A
N/A
PREINC0
2221 2321 4221 4321
N/A
N/A
N/A
PLUSW0
2221 2321 4221 4321
N/A
N/A
N/A
FSR0H
2221 2321 4221 4321
---- 0000
---- 0000
---- uuuu
FSR0L
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
2221 2321 4221 4321
N/A
N/A
N/A
POSTINC1
2221 2321 4221 4321
N/A
N/A
N/A
POSTDEC1
2221 2321 4221 4321
N/A
N/A
N/A
PREINC1
2221 2321 4221 4321
N/A
N/A
N/A
PLUSW1
2221 2321 4221 4321
N/A
N/A
N/A
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 5-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com