Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4321 Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 99Page - Microchip Technology PIC18F4321 Datasheet HTML 100Page - Microchip Technology PIC18F4321 Datasheet HTML 101Page - Microchip Technology PIC18F4321 Datasheet HTML 102Page - Microchip Technology PIC18F4321 Datasheet HTML 103Page - Microchip Technology PIC18F4321 Datasheet HTML 104Page - Microchip Technology PIC18F4321 Datasheet HTML 105Page - Microchip Technology PIC18F4321 Datasheet HTML 106Page - Microchip Technology PIC18F4321 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 103
PIC18F2221/2321/4221/4321 FAMILY
REGISTER 10-5:
PIR2: PERIPHERAL INTERRUPT REQUEST (FLAG) REGISTER 2
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OSCFIF
CMIF
—
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
bit 7
bit 0
bit 7
OSCFIF: Oscillator Fail Interrupt Flag bit
1 = Device oscillator failed, clock input has changed to INTOSC (must be cleared in software)
0 = Device clock operating
bit 6
CMIF: Comparator Interrupt Flag bit
1 = Comparator input has changed (must be cleared in software)
0 = Comparator input has not changed
bit 5
Unimplemented: Read as ‘0’
bit 4
EEIF: Data EEPROM/Flash Write Operation Interrupt Flag bit
1 = The write operation is complete (must be cleared in software)
0 = The write operation is not complete or has not been started
bit 3
BCLIF: Bus Collision Interrupt Flag bit
1 = A bus collision occurred (must be cleared in software)
0 = No bus collision occurred
bit 2
HLVDIF: High/Low-Voltage Detect Interrupt Flag bit
1 = A high/low-voltage condition occurred; direction determined by VDIRMAG bit
(HLVDCON<7>)
0 = A high/low-voltage condition has not occurred
bit 1
TMR3IF: TMR3 Overflow Interrupt Flag bit
1 = TMR3 register overflowed (must be cleared in software)
0 = TMR3 register did not overflow
bit 0
CCP2IF: CCP2 Interrupt Flag bit
Capture mode:
1 = A TMR1 register capture occurred (must be cleared in software)
0 = No TMR1 register capture occurred
Compare mode:
1 = A TMR1 register compare match occurred (must be cleared in software)
0 = No TMR1 register compare match occurred
PWM mode:
Unused in this mode.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com