Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4321 Datasheet(PDF) 143 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 143 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 139Page - Microchip Technology PIC18F4321 Datasheet HTML 140Page - Microchip Technology PIC18F4321 Datasheet HTML 141Page - Microchip Technology PIC18F4321 Datasheet HTML 142Page - Microchip Technology PIC18F4321 Datasheet HTML 143Page - Microchip Technology PIC18F4321 Datasheet HTML 144Page - Microchip Technology PIC18F4321 Datasheet HTML 145Page - Microchip Technology PIC18F4321 Datasheet HTML 146Page - Microchip Technology PIC18F4321 Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 143
PIC18F2221/2321/4221/4321 FAMILY
15.2
Timer3 16-Bit Read/Write Mode
Timer3 can be configured for 16-bit reads and writes
(see Figure 15-2). When the RD16 control bit
(T3CON<7>) is set, the address for TMR3H is mapped
to a buffer register for the high byte of Timer3. A read
from TMR3L will load the contents of the high byte of
Timer3 into the Timer3 High Byte Buffer register. This
provides the user with the ability to accurately read all
16 bits of Timer1 without having to determine whether
a read of the high byte, followed by a read of the low
byte, has become invalid due to a rollover between
reads.
A write to the high byte of Timer3 must also take place
through the TMR3H Buffer register. The Timer3 high
byte is updated with the contents of TMR3H when a
write occurs to TMR3L. This allows a user to write all
16 bits to both the high and low bytes of Timer3 at once.
The high byte of Timer3 is not directly readable or
writable in this mode. All reads and writes must take
place through the Timer3 High Byte Buffer register.
Writes to TMR3H do not clear the Timer3 prescaler.
The prescaler is only cleared on writes to TMR3L.
15.3
Using the Timer1 Oscillator as the
Timer3 Clock Source
The Timer1 internal oscillator may be used as the clock
source for Timer3. The Timer1 oscillator is enabled by
setting the T1OSCEN (T1CON<3>) bit. To use it as the
Timer3 clock source, the TMR3CS bit must also be set.
As previously noted, this also configures Timer3 to
increment on every rising edge of the oscillator source.
The Timer1 oscillator is described in Section 13.0
“Timer1 Module”.
15.4
Timer3 Interrupt
The TMR3 register pair (TMR3H:TMR3L) increments
from 0000h to FFFFh and overflows to 0000h. The
Timer3 interrupt, if enabled, is generated on overflow
and is latched in interrupt flag bit, TMR3IF (PIR2<1>).
This interrupt can be enabled or disabled by setting or
clearing the Timer3 Interrupt Enable bit, TMR3IE
(PIE2<1>).
15.5
Resetting Timer3 Using the CCP
Special Event Trigger
If either of the CCP modules is configured to use Timer3
and to generate a Special Event Trigger in Compare
mode (CCP1M<3:0> or CCP2M<3:0> = 1011), this
signal will reset Timer3. It will also start an A/D conver-
sion if the A/D module is enabled (see Section 16.3.4
“Special Event Trigger” for more information).
The module must be configured as either a timer or
synchronous counter to take advantage of this feature.
When used this way, the CCPR2H:CCPR2L register
pair effectively becomes a period register for Timer3.
If Timer3 is running in Asynchronous Counter mode,
the Reset operation may not work.
In the event that a write to Timer3 coincides with a
Special Event Trigger from a CCP module, the write will
take precedence.
TABLE 15-1:
REGISTERS ASSOCIATED WITH TIMER3 AS A TIMER/COUNTER
Note:
The Special Event Triggers from the
CCP2 module will not set the TMR3IF
interrupt flag bit (PIR2<1>).
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
55
PIR2
OSCFIF
CMIF
—
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
58
PIE2
OSCFIE
CMIE
—
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
58
IPR2
OSCFIP
CMIP
—
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
58
TMR3L
Timer3 Register Low Byte
57
TMR3H
Timer3 Register High Byte
57
T1CON
RD16
T1RUN
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC
TMR1CS TMR1ON
56
T3CON
RD16
T3CCP2
T3CKPS1 T3CKPS0 T3CCP1
T3SYNC
TMR3CS TMR3ON
57
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by the Timer3 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com