Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4321 Datasheet(PDF) 152 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 152 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 148Page - Microchip Technology PIC18F4321 Datasheet HTML 149Page - Microchip Technology PIC18F4321 Datasheet HTML 150Page - Microchip Technology PIC18F4321 Datasheet HTML 151Page - Microchip Technology PIC18F4321 Datasheet HTML 152Page - Microchip Technology PIC18F4321 Datasheet HTML 153Page - Microchip Technology PIC18F4321 Datasheet HTML 154Page - Microchip Technology PIC18F4321 Datasheet HTML 155Page - Microchip Technology PIC18F4321 Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 152
© 2009 Microchip Technology Inc.
TABLE 16-5:
REGISTERS ASSOCIATED WITH PWM AND TIMER2
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
55
RCON
IPEN
SBOREN(1)
—
RI
TO
PD
POR
BOR
54
PIR1
PSPIF(2)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
58
PIE1
PSPIE(2)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
58
IPR1
PSPIP(2)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
58
TRISB
PORTB Data Direction Register
58
TRISC
PORTC Data Direction Register
58
TMR2
Timer2 Register
56
PR2
Timer2 Period Register
56
T2CON
—
T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0 TMR2ON T2CKPS1 T2CKPS0
56
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
57
CCPR1H
Capture/Compare/PWM Register 1 High Byte
57
CCP1CON
P1M1(2)
P1M0(2)
DC1B1
DC1B0
CCP1M3
CCP1M2 CCP1M1
CCP1M0
57
CCPR2L
Capture/Compare/PWM Register 2 Low Byte
57
CCPR2H
Capture/Compare/PWM Register 2 High Byte
57
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2 CCP2M1
CCP2M0
57
ECCP1AS
ECCPASE ECCPAS2 ECCPAS1 ECCPAS0
PSSAC1
PSSAC0 PSSBD1(2) PSSBD0(2)
57
ECCP1DEL PRSEN
PDC6(2)
PDC5(2)
PDC4(2)
PDC3(2)
PDC2(2)
PDC1(2)
PDC0(2)
57
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PWM or Timer2.
Note 1: The SBOREN bit is only available when the BOREN<1:0> Configuration bits = 01; otherwise, it is disabled
and reads as ‘0’. See Section 5.4 “Brown-out Reset (BOR)”.
2: These bits are unimplemented on 28-pin devices and read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com