Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4321 Datasheet(PDF) 180 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 180 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 176Page - Microchip Technology PIC18F4321 Datasheet HTML 177Page - Microchip Technology PIC18F4321 Datasheet HTML 178Page - Microchip Technology PIC18F4321 Datasheet HTML 179Page - Microchip Technology PIC18F4321 Datasheet HTML 180Page - Microchip Technology PIC18F4321 Datasheet HTML 181Page - Microchip Technology PIC18F4321 Datasheet HTML 182Page - Microchip Technology PIC18F4321 Datasheet HTML 183Page - Microchip Technology PIC18F4321 Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 180
© 2009 Microchip Technology Inc.
REGISTER 18-5:
SSPCON2: MSSP CONTROL REGISTER 2 (I2C™ MODE) – CONTINUED
REGISTER 18-6:
SSPADD: MSSP ADDRESS REGISTER(1)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GCEN
ACKSTAT
ACKDT/
ADMSK5
ACKEN(1)/
ADMSK4
RCEN(1)/
ADMSK3
PEN(1)/
ADMSK2
RSEN(1)/
ADMSK1
SEN(1)
bit 7
bit 0
bit 0
SEN: Start Condition Enable/Stretch Enable bit(1)
In Master mode:
1 = Initiate Start condition on SDA and SCL pins. Automatically cleared by hardware.
0 = Start condition Idle
In Slave mode:
1 = Clock stretching is enabled for both slave transmit and slave receive (stretch enabled)
0 = Clock stretching is disabled
Note 1: For bits ACKEN, RCEN, PEN, RSEN, SEN: If the I2C module is active, these bits
may not be set (no spooling) and the SSPBUF may not be written (or writes to the
SSPBUF are disabled).
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
bit 7
bit 0
bit 7-0
ADD<7:0>: MSSP Address bits
Note 1: MSSP Address register in I2C Slave mode. MSSP Baud Rate register in I2C Master
mode.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com