Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA2J3CDB Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CDB
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CDB Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CDB Datasheet HTML 62Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 63Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 64Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 65Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 66Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 67Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 68Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 69Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 134 page
background image
Chapter 8 Central Processor Unit (RS08CPUV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
66
Freescale Semiconductor
dd
=
Low-order eight bits of a direct address $0000–$00FF (high byte assumed to
be $00)
ii
=
One byte of immediate data
hh
=
High-order 6-bit of 14-bit extended address prefixed with 2-bit of 0
ll
=
Low-order byte of 14-bit extended address
rr
=
Relative offset
Source form
Everything in the source forms columns, except expressions in italic characters, is literal information
which must appear in the assembly source file exactly as shown. The initial 3- to 5-letter mnemonic is
always a literal expression. All commas, pound signs (#), parentheses, and plus signs (+) are literal
characters.
n
—
Any label or expression that evaluates to a single integer in the range 0–7.
x
—
Any label or expression that evaluates to a single hexadecimal integer in the
range $0–$F.
opr8i
—
Any label or expression that evaluates to an 8-bit immediate value.
opr4a
—
Any label or expression that evaluates to a Tiny address (4-bit value). The
instruction treats this 4-bit value as the low order four bits of an address in the
16-Kbyte address space ($0000–$000F). This 4-bit value is embedded in the
low order four bits in the opcode.
opr5a
—
Any label or expression that evaluates to a Short address (5-bit value). The
instruction treats this 5-bit value as the low order five bits of an address in the
16-Kbyte address space ($0000–$001F). This 5-bit value is embedded in the
low order 5 bits in the opcode.
opr8a
—
Any label or expression that evaluates to an 8-bit value. The instruction treats
this 8-bit value as the low order eight bits of an address in the 16-Kbyte
address space ($0000–$00FF).
opr16a
—
Any label or expression that evaluates to a 14-bit value. On the RS08 core, the
upper two bits are always 0s. The instruction treats this value as an address in
the 16-Kbyte address space.
rel
—
Any label or expression that refers to an address that is within –128 to
+127
locations from the next address after the last byte of object code for the current
instruction. The assembler will calculate the 8-bit signed offset and include it in
the object code for this instruction.
Address modes
INH
=
Inherent (no operands)
IMD
=
Immediate to Direct (in MOV instruction)
IMM
=
Immediate
DD
=
Direct to Direct (in MOV instruction)
DIR
=
Direct
SRT
=
Short
TNY
=
Tiny
EXT
=
Extended
REL
=
8-bit relative offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com