Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA2J3CDB Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CDB
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CDB Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CDB Datasheet HTML 95Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 96Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 97Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 98Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 99Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 100Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 101Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 102Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 134 page
background image
Chapter 12 Development Support
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
99
Figure 12-2. Standard RS08 BDM Tool Connector
Background debug controller (BDC) serial communications use a custom serial protocol that was first
introduced on the M68HC12 Family of microcontrollers. This protocol requires that the host knows the
communication clock rate, which is determined by the target BDC clock rate. If a host is attempting to
communicate with a target MCU that has an unknown BDC clock rate, a SYNC command may be sent to
the target MCU to request a timed sync response signal from which the host can determine the correct
communication speed.
For RS08 MCUs, the BDC clock is the same frequency as the MCU bus clock. For a detailed description
of the communications protocol, refer to Section 12.3.2, “Communication Details."
12.3.1
BKGD Pin Description
BKGD is the single-wire background debug interface pin. BKGD is a pseudo-open-drain pin that contains
an on-chip pullup, therefore it requires no external pullup resistor. Unlike typical open-drain pins, the
external resistor capacitor (RC) time constant on this pin, which is influenced by external capacitance,
plays almost no role in signal rise time. The custom protocol provides for brief, actively driven speedup
pulses to force rapid rise times on this pin without risking harmful drive level conflicts. Refer to
Section 12.3.2, “Communication Details," for more detail.
The primary function of this pin is bidirectional serial communication of background debug commands
and data. During reset, this pin selects between starting in active background mode and normal user mode
running an application program. This pin is also used to request a timed sync response pulse to allow a
host development tool to determine the target BDC clock frequency.
By controlling the BKGD pin and forcing an MCU reset (issuing a BDC_RESET command, or through a
power-on reset (POR)), the host can force the target system to reset into active background mode rather
than start the user application program. This is useful to gain control of a target MCU whose FLASH
program memory has not yet been programmed with a user application program.
When no debugger pod is connected to the 6-pin BDM interface connector, the internal pullup on BKGD
determines the normal operating mode.
On some RS08 devices, the BKGD pin may be shared with an alternative output-only function. To support
BDM debugging, the user must disable this alternative function. Debugging of the alternative function
must be done in normal user mode without using BDM.
12.3.2
Communication Details
The BDC serial interface requires the host to generate a falling edge on the BKGD pin to indicate the start
of each bit time. The host provides this falling edge whether data is transmitted or received.
2
4
6
5
3
1
RESET/VPP
BKGD
GND
V
DD
NO CONNECT
NO CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com