Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA2J3CDB Datasheet(PDF) 118 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CDB
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CDB Datasheet(HTML) 118 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CDB Datasheet HTML 114Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 115Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 116Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 117Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 118Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 119Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 120Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 121Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 122Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 134 page
background image
Appendix A Electrical Characteristics
SC9RS08KA2 Series Data Sheet, Rev. 1
118
Freescale Semiconductor
A.9
AC Characteristics
This section describes ac timing characteristics for each peripheral system.
A.9.1
Control Timing
Figure A-1. Reset Timing
Stop recovery time (FLL wakeup to previous acquired
frequency)
IREFSTEN=0
IREFSTEN=1
t_wakeup
tir_wu
tfll_wu
—100
86
—
μs
1 Data in typical column was characterized at 3.0 V and 5.0 V, 25
°C or is typical recommended value.
2 This parameter is characterized and not tested on each device.
3 This specification applies to any time the FLL reference source or reference divider is changed, trim value changed or changing
from FLL disabled (FBILP) to FLL enabled (FEI, FBI).
Table A-8. Control Timing
Parameter
Symbol
Min
Typical
Max
Unit
Bus frequency (tcyc = 1/fBus)fBus
dc
—
10
MHz
Real time interrupt internal oscillator period
tRTI
700
1000
1300
μs
External RESET pulse width1
1 This is the shortest pulse that is guaranteed to pass through the pin input filter circuitry. Shorter pulses may or may not be
recognized.
textrst
150
—
—
ns
KBI pulse width2
2 This is the minimum pulse width that is guaranteed to pass through the pin synchronization circuitry. Shorter pulses may or
may not be recognized. In stop mode, the synchronizer is bypassed so shorter pulses can be recognized in that case.
tKBIPW
1.5 tcyc
——
ns
KBI pulse width in stop1
tKBIPWS
100
—
—
ns
Port rise and fall time (load = 50 pF)3
Slew rate control disabled (PTxSE = 0)
Slew rate control enabled (PTxSE = 1)
3 Timing is shown with respect to 20% V
DD and 80% VDD levels. Temperature range –40°C to 85°C.
tRise, tFall
—
—
11
35
—
—
ns
Table A-7. Internal Clock Source Specifications
Characteristic
Symbol
Min
Typ1
Max
Unit
textrst
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com