Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5604B Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5604B
Description  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604B Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5604B Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
General description
MPC5604B/C Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
3
1
General description
1.1
Introduction
The MPC5604B/C is a family of next generation microcontrollers built on the Power Architecture™ embedded category. This
document describes the features of the family and options available within the family members, and highlights important
electrical and physical characteristics of the device1.
The MPC5604B/C family of 32-bit microcontrollers is the latest achievement in integrated automotive application controllers.
It belongs to an expanding family of automotive-focused products designed to address the next wave of body electronics
applications within the vehicle. The advanced and cost-efficient host processor core of the MPC5604B/C automotive controller
family complies with the Power Architecture embedded category and only implements the VLE (variable-length encoding)
APU, providing improved code density. It operates at speeds of up to 64 MHz and offers high performance processing optimized
for low power consumption. It capitalizes on the available development infrastructure of current Power Architecture devices
and is supported with software drivers, operating systems and configuration code to assist with users implementations.
1.For a correct use of the datasheet, it’s recommended of referring to the errata sheet.
Table 1. MPC5604B/C device comparison1
Feature
Device
MPC560
2BxLL
MPC560
2BxLQ
MPC560
2CxLL
MPC560
3BxLL
MPC560
3BxLQ
MPC560
3CxLL
MPC560
4BxLL
MPC560
4BxLQ
MPC560
4BxMG
MPC560
4CxLL
CPU
e200z0h
Execution
speed2
Static - 64 MHz
Code Flash
256 KB
384 KB
512 KB
Data Flash
64 KB (4 × 16 KB)
RAM
24 KB
32 KB
28 KB
40 KB
32 KB
48 KB
MPU
8-entry
ADC
28 ch,
10-bit
36 ch,
10-bit
28 ch, 10-bit
36 ch,
10-bit
28 ch,
10-bit
28 ch,
10-bit
36 ch,
10-bit
36 ch,
10-bit
28 ch,
10-bit
CTU
Yes
Total timer
I/O3
eMIOS
28 ch,
16-bit
56 ch,
16-bit
28 ch, 16-bit
56ch,
16-bit
28 ch, 16-bit
56 ch, 16-bit
28 ch,
16-bit
• PWM + MC
+ IC/OC4
5 ch
10 ch
5 ch
5 ch
10 ch
5 ch
5 ch
10 ch
10 ch
5 ch
• PWM +
IC/OC4
20 ch
40 ch
20 ch
20 ch
40 ch
20 ch
20 ch
40 ch
40 ch
20 ch
• IC/OC4
3ch
6ch
3ch
3ch
6ch
3ch
3 ch
6ch
6ch
3ch
SCI (LINFlex)
3
4
4
4
4
4
SPI (DSPI)
3
CAN
(FlexCAN)
2
6
3
6
3
3
6
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com