Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5604B Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC5604B
Description  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604B Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC5604B Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
MPC5604B/C Microcontroller Data Sheet Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
14
5 Full electrical specification cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical
characteristics and I/Os DC electrical specification may not be guaranteed. When voltage drops below VLVDHVL,
device is reset.
6 Guaranteed by device validation
Table 8. Recommended operating conditions (5.0 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR Digital ground on VSS_HV pins
0
0
V
VDD
1
SR Voltage on VDD_HV pins with respect to
ground (VSS)
4.5
5.5
V
Voltage drop2
3.0
5.5
VSS_LV
3
SR Voltage on VSS_LV (low voltage digital
supply) pins with respect to ground
(VSS)
VSS−0.1 VSS+0.1
V
VDD_BV
4
SR Voltage on VDD_BV pin (regulator
supply) with respect to ground (VSS)
4.5
5.5
V
Voltage drop(2)
3.0
5.5
Relative to VDD
VDD−0.1 VDD+0.1
VSS_ADC
SR Voltage on VSS_HV_ADC (ADC
reference) pin with respect to ground
(VSS
VSS−0.1 VSS+0.1
V
VDD_ADC
5
SR Voltage on VDD_HV_ADC pin (ADC
reference) with respect to ground (VSS)
4.5
5.5
V
Voltage drop(2)
3.0
5.5
Relative to VDD
VDD−0.1 VDD+0.1
VIN
SR Voltage on any GPIO pin with respect to
ground (VSS)
VSS−0.1
V
Relative to VDD
VDD+0.1
IINJPAD
SR Injected input current on any pin during
overload condition
−5
5
mA
IINJSUM
SR Absolute sum of all injected input
currents during overload condition
−50
50
TVDD
SR VDD slope to ensure correct power up
6
0.25
V/µs
3
V/s
TA C-Grade Part SR Ambient temperature under bias
fCPU < 64 MHz
−40
85
°C
TJ C-Grade Part SR Junction temperature under bias
−40
110
TA V-Grade Part
SR Ambient temperature under bias
fCPU < 64 MHz
−40
105
TJ V-Grade Part
SR Junction temperature under bias
−40
130
TA M-Grade Part SR Ambient temperature under bias
fCPU < 60 MHz
−40
125
TJ M-Grade Part SR Junction temperature under bias
−40
150
1 100 nF capacitance needs to be provided between each V
DD/VSS pair.
2 Full device operation is guaranteed by design when the voltage drops below 4.5V down to 3.6V. However, certain analog
electrical characteristics will not be guaranteed to stay within the stated limits.
3 330 nF capacitance needs to be provided between each V
DD_LV/VSS_LV supply pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com