Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX511AJM6C Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PCIMX511AJM6C
Description  i.MX51A Automotive and Infotainment Applications Processors
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX511AJM6C Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PCIMX511AJM6C Datasheet HTML 1Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 2Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 3Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 4Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 5Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 6Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 7Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 160 page
background image
i.MX51A Automotive and Infotainment Applications Processors, Rev. 1
4
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Features
2Features
The i.MX51A processor contains a large number of digital and analog modules that are described in
Table 2.
Table 2. i.MX51A Digital and Analog Modules
Block
Mnemonic
Block Name
Subsystem
Brief Description
1-WIRE
1-Wire
Interface
Connectivity
Peripherals
1-Wire support provided for interfacing with an on-board EEPROM, and smart
battery interfaces, for example: Dallas DS2502.
ARM Cortex
A8™
ARM Cortex
A8™ Platform
ARM
The ARM Cortex A8™ Core Platform consists of the ARM Cortex A8™
processor version r2p5 (with TrustZone) and its essential sub-blocks. It contains
the Level 2 Cache Controller, 32-Kbyte L1 instruction cache, 32-Kbyte L1 data
cache, and a 256-Kbyte L2 cache. The platform also contains an Event Monitor
and Debug modules. It also has a NEON co-processor with SIMD media
processing architecture, register file with 32
× 64-bit general-purpose registers,
an Integer execute pipeline (ALU, Shift, MAC), dual, single-precision floating
point execute pipeline (FADD, FMUL), load/store and permute pipeline and a
Non-Pipelined Vector Floating Point (VFP) co-processor (VFPv3).
Audio
Subsystem
Audio
Subsystem
Multimedia
Peripherals
The elements of the audio subsystem are three Synchronous Serial Interfaces
(SSI1-3), a Digital Audio Mux (AUDMUX), and Digital Audio Out (SPDIF TX).
See the specific interface listings in this table.
AUDMUX
Digital Audio
Mux
Multimedia
Peripherals
The AUDMUX is a programmable interconnect for voice, audio, and
synchronous data routing between host serial interfaces (for example, SSI1,
SSI2, and SSI3) and peripheral serial interfaces (audio and voice codecs). The
AUDMUX has seven ports (three internal and four external) with identical
functionality and programming models. A desired connectivity is achieved by
configuring two or more AUDMUX ports.
CCM
GPC
SRC
Clock Control
Module
Global Power
Controller
System Reset
Controller
Clocks,
Resets, and
Power Control
These modules are responsible for clock and reset distribution in the system,
and also for system power management. The modules include three PLLs and
a Frequency Pre-Multiplier (FPM).
CSPI-1,
eCSPI-2
eCSPI-3
Configurable
SPI,
Enhanced
CSPI
Connectivity
Peripherals
Full-duplex enhanced Synchronous Serial Interface, with data rate up to
66.5Mbit/s (for eCSPI, master mode). It is configurable to support Master/Slave
modes, four chip selects to support multiple peripherals.
CSU
Central
Security Unit
Security
The Central Security Unit (CSU) is responsible for setting comprehensive
security policy within the i.MX51A platform, and for sharing security information
between the various security modules. The Security Control Registers (SCR) of
the CSU are set during boot time by the High Assurance Boot (HAB) code and
are locked to prevent further writing.
Debug
System
Debug
System
System
Control
The Debug System provides real-time trace debug capability of both instructions
and data. It supports a trace protocol that is an integral part of the ARM Real
Time Debug solution (RealView). Real-time tracing is controlled by specifying a
set of triggering and filtering resources, which include address and data
comparators, cross-system triggers, counters, and sequencers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com