Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX511AJM6C Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PCIMX511AJM6C
Description  i.MX51A Automotive and Infotainment Applications Processors
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX511AJM6C Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PCIMX511AJM6C Datasheet HTML 4Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 5Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 6Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 7Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 9Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 10Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 11Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 160 page
background image
i.MX51A Automotive and Infotainment Applications Processors, Rev. 1
8
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Features
RTIC
Real Time
Integrity
Checker
Security
Protecting read-only data from modification is one of the basic elements in
trusted platforms. The Run-Time Integrity Checker v3 (RTICv3) module, is a data
monitoring device responsible for ensuring that memory content is not corrupted
during program execution. The RTICv3 mechanism periodically checks the
integrity of code or data sections during normal OS run-time execution without
interfering with normal operation. The RTICv3’s purpose is to ensure the integrity
of the peripheral memory contents, protect against unauthorized external
memory elements replacement, and assist with boot authentication.
SAHARA Lite SAHARA
security
accelerator
Lite
Security
SAHARA (Symmetric/Asymmetric Hashing and Random Accelerator) is a
security co-processor. It implements symmetric encryption algorithms, (AES,
DES, 3DES, and RC4), public key algorithms, hashing algorithms (MD5, SHA-1,
SHA-224, and SHA-256), and a hardware random number generator. It has a
slave IP bus interface for the host to write configuration and command
information, and to read status information. It also has a DMA controller, with an
AHB bus interface, to reduce the burden on the host to move the required data
to and from memory.
SCC
Security
Controller
Security
The Security Controller is a security assurance hardware module designed to
safely hold sensitive data such as encryption keys, digital right management
(DRM) keys, passwords, and biometrics reference data. The SCC monitors the
system’s alert signal to determine if the data paths to and from it are
secure—that is, cannot be accessed from outside of the defined security
perimeter. If not, it erases all sensitive data on its internal RAM. The SCC also
features a Key Encryption Module (KEM) that allows non-volatile (external
memory) storage of any sensitive data that is temporarily not in use. The KEM
utilizes a device-specific hidden secret key and a symmetric cryptographic
algorithm to transform the sensitive data into encrypted data.
SDMA
Smart Direct
Memory
Access
System
Control
Peripherals
The SDMA is multi-channel flexible DMA engine. It helps in maximizing system
performance by off loading various cores in dynamic data routing.
The SDMA features list is as follows:
• Powered by a 16-bit instruction-set micro-RISC engine
• Multi-channel DMA supports up to 32 time-division multiplexed DMA channels
• 48 events with total flexibility to trigger any combination of channels
• Memory accesses including linear, FIFO, and 2D addressing
• Shared peripherals between ARM Cortex A8™ and SDMA
• Very fast context-switching with two-level priority-based preemptive
multi-tasking
• DMA units with auto-flush and prefetch capability
• Flexible address management for DMA transfers (increment, decrement, and
no address changes on source and destination address)
• DMA ports can handle unit-directional and bi-directional flows (copy mode)
• Up to 8-word buffer for configurable burst transfers for EMI
• Support of byte-swapping and CRC calculations
• A library of scripts and API are available
SIM
Subscriber
Identity
Module
Interface
Connectivity
Peripherals
The SIM is an asynchronous interface with additional features for allowing
communication with Smart Cards conforming to the ISO 7816 specification. The
SIM is designed to facilitate communication to SIM cards or pre-paid phone
cards.
Table 2. i.MX51A Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com