Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX512CJM6C Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # PCIMX512CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 96Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 97Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 98Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 99Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 100Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 101Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 102Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 103Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
100
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
IP52 Write clock low pulse width
Twl
Tdicdw–Tdicuw–1.5
Tdicdw6–Tdicuw7 Tdicdw–Tdicuw+1.5
ns
IP53 Write clock high pulse width
Twh
Tdicpw–Tdicdw+
Tdicuw–1.5
Tdicpw–Tdicdw+
Tdicuw
Tdicpw–Tdicdw+
Tdicuw+1.5
ns
IP54 Controls setup time for read
Tdcsr
Tdicur–1.5
Tdicur
—
ns
IP55 Controls hold time for read
Tdchr
Tdicpr–Tdicdr–1.5
Tdicpr–Tdicdr
—
ns
IP56 Controls setup time for write
Tdcsw
Tdicuw–1.5
Tdicuw
—
ns
IP57 Controls hold time for write
Tdchw
Tdicpw–Tdicdw–1.5
Tdicpw–Tdicdw
—
ns
IP58 Slave device data delay8
Tracc
0
—
Tdrp9–Tlbd10-Tdicur-1.5
ns
IP59 Slave device data hold time8 Troh
Tdrp-Tlbd-Tdicdr+1.5
—
Tdicpr-Tdicdr-1.5
ns
IP60 Write data setup time
Tds
Tdicdw-1.5
Tdicdw
—
ns
IP61 Write data hold time
Tdh
Tdicpw-Tdicdw-1.5
Tdicpw-Tdicdw
—
ns
IP62 Read period2
Tdicpr
Tdicpr-1.5
Tdicpr
Tdicpr+1.5
ns
IP63 Write period3
Tdicpw
Tdicpw-1.5
Tdicpw
Tdicpw+1.5
ns
IP64 Read down time4
Tdicdr
Tdicdr-1.5
Tdicdr
Tdicdr+1.5
ns
IP65 Read up time5
Tdicur
Tdicur-1.5
Tdicur
Tdicur+1.5
ns
IP66 Write down time6
Tdicdw
Tdicdw-1.5
Tdicdw
Tdicdw+1.5
ns
IP67 Write up time7
Tdicuw
Tdicuw-1.5
Tdicuw
Tdicuw+1.5
ns
IP68 Read time point9
Tdrp
Tdrp-1.5
Tdrp
Tdrp+1.5
ns
IP69 Clock offset11
Toclk
Toclk-1.5
Toclk
Toclk+1.5
ns
IP70 RS up time12
Tdicurs
Tdicurs–1.5
Tdicurs
Tdicurs+1.5
ns
IP71 RS down time13
Tdicdrs
Tdicdrs -1.5
Tdicdrs
Tdicdrs+1.5
ns
IP72 CS up time14
Tdicucs Tdicucs –1.5
Tdicucs
Tdicucs+1.5
ns
IP73 CS down time15
Tdicdcs Tdicdcs –1.5
Tdicdcs
Tdicdcs+1.5
ns
1The exact conditions have not been finalized, but will likely match the current customer requirement for their specific display.
These conditions may be chip specific.
2Display interface clock period value for read
3Display interface clock period value for write
Table 72. Asynchronous Serial Interface Timing Characteristics (Access Level) (continued)
ID
Parameter
Symbol
Min
Typ1
Max
Unit
Tdicpr
T
DI_CLK
ceil
×
DISP#_IF_CLK_PER_RD
DI_CLK_PERIOD
--------------------------------------------------------------------
=
Tdicpw
T
DI_CLK
ce il
×
DISP#_IF_CLK_PER_WR
DI_CLK_PERIOD
----------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com