Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX513CJM6C Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # PCIMX513CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 30Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 31Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 32Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 33Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 34Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 35Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 36Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 37Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
34
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
The electrical characteristics for I2C I/O are listed in the tables from the Table 26 to the Table 29
on page 35. Characteristics are guaranteed using operating ranges per Table 8, unless otherwise noted.
Table 26. I2C Standard- and Fast-Mode Electrical Parameters
for Low/Medium Drive Strength and OVDD = 2.7 V–3.3 V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output fall time,
(low driver strength)
tf
from VIHmin to VILmax with CL from 10 pF to 400 pF
—
—
52
ns
Output fall time,
(medium driver strength)
tf
from VIHmin to VILmax with CL from 10 pF to 400 pF
—
—
28
ns
Table 27. I2C Standard- and Fast-Mode Electrical Parameters
for Low/Medium Drive Strength and OVDD = 1.65 V–1.95 V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output fall time,
(low driver strength)
tof
from VIHmin to VILmax with CL from 10 pF to 400 pF
—
—
70
ns
Output fall time,
(medium driver strength)
tof
from VIHmin to VILmax with CL from 10 pF to 400 pF
—
—
35
ns
Table 28. I2C High-Speed Mode Electrical Parameters
for Low/Medium Drive Strength and OVDD = 2.7 V – 3.3 V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output rise time (current-source enabled) and
fall time at SCLH
(low driver strength)
trCL, tfCL
with a 3mA external
pull-up current source
and CL = 100 pF
—
—
18/21
ns
Output rise time (current-source enabled) and
fall time at SCLH
(medium driver strength)
trCL, tfCL
with a 3mA external
pull-up current source
and CL = 100 pF
——
9/9
ns
Output fall time at SDAH
(low driver strength)
tfDA
with CL from 10 pF to
100 pF
—
—
14
ns
Output fall time at SDAH
(medium driver strength)
tfDA
with CL from 10 pF to
100 pF
——
8
ns
Output fall time at SDAH
(low driver strength)
tfDA
CL = 400 pF
—
—
52
ns
Output fall time at SDAH
(medium driver strength)
tfDA
CL = 400 pF
—
—
27
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com